Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650 Datasheet(PDF) 12 Page - Analog Devices

Part # AD6650
Description  Diversity IF to Baseband GSM/EDGE Narrowband Receiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD6650 Datasheet HTML 8Page - Analog Devices AD6650 Datasheet HTML 9Page - Analog Devices AD6650 Datasheet HTML 10Page - Analog Devices AD6650 Datasheet HTML 11Page - Analog Devices AD6650 Datasheet HTML 12Page - Analog Devices AD6650 Datasheet HTML 13Page - Analog Devices AD6650 Datasheet HTML 14Page - Analog Devices AD6650 Datasheet HTML 15Page - Analog Devices AD6650 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Preliminary Technical Data
AD6650
REV. PrJ 02/27/2003
12
ABSOLUTE MAXIMUM RATINGS1
Supply Voltage…………….…………….....-0.3V to 3.3v
Input Voltage………..……….........................-0.3 to 3.6V
Output Voltage Swing…………..-0.3V to VDDIO +0.3V
Load Capacitance…………………..…………….200pF
Junction Temperature Under Bias…..….……….+125
°C
Storage Temperature Range……….......-65
°C to +150°C
Lead Temperature (5 sec)…………..……….…..+280
°C
Notes
1Stresses greater than those listed above may cause permanent damage to the device These are stress ratings only; functional operation of the devices at these or any
other conditions greater than those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Thermal Characteristics
121-Pin Ball Grid Array:
θJA=28.1°C /Watt, no airflow
θJA=XX°C/Watt, 200-lfpm airflow
Thermal measurements made in the horizontal position on a 4-layer board
.
EXPLANATION OF TEST LEVELS
I
100% Production Tested.
II
100% Production Tested at 25
°C, and Sampled Tested at Specified Temperatures.
III
Sample Tested Only
IV
Parameter Guaranteed by Design and Analysis
V
Parameter is Typical Value Only
VI
100% Production Tested at 25
°C, and Sampled Tested at Temperature Extremes
ORDERING GUIDE
Model
Temperature Range
Package Description
Package
Option
AD6650BBC1
-40
°C to +85°C (Ambient)
121- Pin Ball Grid Array
AD6650/PCB
Evaluation Board with AD6650 and Software
Notes
1X-Grade Material is Pre-Production material, normally shipped during product characterization and qualification.
ESD SENSITIVITY
The AD6650 is an ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although the AD6650 features proprietary ESD
protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com