Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650 Datasheet(PDF) 1 Page - Analog Devices

Part # AD6650
Description  Diversity IF to Baseband GSM/EDGE Narrowband Receiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650 Datasheet(HTML) 1 Page - Analog Devices

  AD6650 Datasheet HTML 1Page - Analog Devices AD6650 Datasheet HTML 2Page - Analog Devices AD6650 Datasheet HTML 3Page - Analog Devices AD6650 Datasheet HTML 4Page - Analog Devices AD6650 Datasheet HTML 5Page - Analog Devices AD6650 Datasheet HTML 6Page - Analog Devices AD6650 Datasheet HTML 7Page - Analog Devices AD6650 Datasheet HTML 8Page - Analog Devices AD6650 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
PrJ
02/27/03
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700 www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
a
Diversity IF to Baseband
GSM/EDGE Narrowband Receiver
Preliminary Technical Data
AD6650
FEATURES
Digital VGA
I & Q Demodulators
Active Low Pass Filters
Dual Wideband ADC
Programmable Decimation and Channel Filters
Phase Locked Loop Circuitry
Serial Data Output Ports
IF Frequencies 70-300MHz
10 dB Noise Figure
+24 dBm Input IP2
-13 dBm Input IP3
3.3 Volt I/O and CMOS Core
I2C and Microprocessor Interface
JTAG Boundary Scan
APPLICATIONS
GSM/EDGE Single Carrier and Diversity Receivers
Micro and Pico Cell Systems
Wireless Local Loop
Smart Antenna Systems
Software Radios
In Building Wireless Telephony
PRODUCT DESCRIPTION
The AD6650 is a diversity, IF to baseband receiver for
GSM/EDGE. This narrow band receiver consists of an
integrated DVGA, IF-to-baseband I&Q demodulators, low-
pass filtering, and a dual wideband ADC. The chip can
accommodate IF input frequencies from 70 MHz to 300 MHz.
This receiver architecture is designed such that only one
external SAW filter(one for main and one for diversity) is
required in the entire Rx signal path to meet GSM/EDGE
blocking requirements.
Digital decimation and filtering circuitry is embedded on chip
to generate serial output I&Q
data streams. The decimating
filters remove unwanted signals and noise outside the channel
of interest. In addition, programmable RAM Coefficient
filters allow anti-aliasing, matched filtering, and static
equalization functions to be combined in a single, cost-
effective filter.
The AD6650 is part of a complete GSM/EDGE receive and
transmit chipset. Other components in this chipset are: RF to
IF amplifier/mixers, receive and transmit frequency hopping
synthesizers, and a baseband to IF transmit modulator and
ramping chip.
Figure 1. AD6650 Functional Block Diagram


Similar Part No. - AD6650

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6650 AD-AD6650 Datasheet
755Kb / 45P
GSM/EDGE Narrow-Band Receiver
29-Nov-2017
AD6650/PCB AD-AD6650/PCB Datasheet
1Mb / 44P
AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
AD6650/PCB AD-AD6650/PCB Datasheet
755Kb / 45P
GSM/EDGE Narrow-Band Receiver
29-Nov-2017
AD6650ABC AD-AD6650ABC Datasheet
1Mb / 44P
AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
AD6650ABC AD-AD6650ABC Datasheet
755Kb / 45P
GSM/EDGE Narrow-Band Receiver
29-Nov-2017
More results

Similar Description - AD6650

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6652 AD-AD6652 Datasheet
1Mb / 76P
12-Bit, 65 MSPS IF to Baseband Diversity Receiver
7/04-Revision 0
AD6655 AD-AD6655 Datasheet
2Mb / 84P
IF Diversity Receiver
REV. 0
AD6653 AD-AD6653 Datasheet
2Mb / 80P
IF Diversity Receiver
11/07-Revision 0
AD6650 AD-AD6650_07 Datasheet
1Mb / 44P
AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
IF Diversity Receiver
REV. A
AD6652 AD-AD6652_15 Datasheet
1Mb / 76P
12-Bit, 65 MSPS IF to Baseband Diversity Receiver
REV. 0
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
IF Diversity Receiver
REV. B
AD6649 AD-AD6649_14 Datasheet
1Mb / 40P
IF Diversity Receiver
REV. C
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
IF Diversity Receiver
23-Feb-2017
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
IF Diversity Receiver
15-Jul-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com