Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9267EBZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9267EBZ
Description  Dual Continuous Time Sigma-Delta Modulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9267EBZ Datasheet(HTML) 5 Page - Analog Devices

  AD9267EBZ Datasheet HTML 1Page - Analog Devices AD9267EBZ Datasheet HTML 2Page - Analog Devices AD9267EBZ Datasheet HTML 3Page - Analog Devices AD9267EBZ Datasheet HTML 4Page - Analog Devices AD9267EBZ Datasheet HTML 5Page - Analog Devices AD9267EBZ Datasheet HTML 6Page - Analog Devices AD9267EBZ Datasheet HTML 7Page - Analog Devices AD9267EBZ Datasheet HTML 8Page - Analog Devices AD9267EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AD9267
Rev. 0 | Page 4 of 24
AC SPECIFICATIONS
All power supplies set to 1.8 V, 640 MHz sample rate, 0.5 V internal reference, PLL disabled, AIN1 = −2.0 dBFS, unless otherwise noted.
Table 2.
Parameter2
Temp
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 2.4 MHz
Full
81
83
dB
fIN = 4.2 MHz
25°C
83
dB
fIN = 8.4 MHz
25°C
83
dB
SPURIOUS-FREE DYNAMIC RANGE (WORST SECOND OR THIRD HARMONIC)3
fIN = 2.4 MHz
Full
−88
−80
dBc
fIN = 4.2 MHz
25°C
−88
dBc
fIN = 8.4 MHz
25°C
<−120
dBc
NOISE SPECTRAL DENSITY
AIN = −2 dBFS
Full
−155
−153
dBFS/Hz
AIN = −40 dBFS
Full
−156
−155
dBFS/Hz
NOISE FIGURE2, 4
AIN = −2 dBFS
25°C
16
dB
AIN = −40 dBFS
25°C
15
dB
TWO-TONE SFDR
fIN1 = 1.8 MHz @ −8 dBFS, fIN2 = 2.1 MHz @ −8 dBFS
25°C
−89.5
dBc
fIN1 = 3.7 MHz @ −8 dBFS, fIN2 = 4.2 MHz @ −8 dBFS
25°C
−93
dBc
fIN1 = 7.2 MHz @ −8 dBFS, fIN2 = 8.4 MHz @ −8 dBFS
25°C
−87
dBc
ANALOG INPUT BANDWIDTH
25°C
10
MHz
1 Input power is referenced to full scale. Therefore, all measurements were taken with a 2 dB signal below full scale, unless otherwise noted.
2 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
3 Spurious-free dynamic range excluding the second or third harmonic is limited by the FFT size, <−120 dBFS.
4 Noise figure with respect to 50 Ω. AD9267 internal impedance is 1000 Ω differential. See the AN-835 for a definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com