Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9267EBZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9267EBZ
Description  Dual Continuous Time Sigma-Delta Modulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9267EBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9267EBZ Datasheet HTML 13Page - Analog Devices AD9267EBZ Datasheet HTML 14Page - Analog Devices AD9267EBZ Datasheet HTML 15Page - Analog Devices AD9267EBZ Datasheet HTML 16Page - Analog Devices AD9267EBZ Datasheet HTML 17Page - Analog Devices AD9267EBZ Datasheet HTML 18Page - Analog Devices AD9267EBZ Datasheet HTML 19Page - Analog Devices AD9267EBZ Datasheet HTML 20Page - Analog Devices AD9267EBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
AD9267
Rev. 0 | Page 16 of 24
The reference clock, CLK±, is limited to 30 MHz to 160 MHz
when configured to use the on-chip clock multiplier. Given the
input range of the reference clock and the available multiplica-
tion factors, the fVCO is approximately 1280 MHz. This results in
the desired fMOD rate of 640 MHz with a 50% duty cycle.
The PLL of the AD9267 can be controlled through either the serial
port interface or the PLLMULTx pins. For serial port interface
control, Register 0x09 and Register 0x0A are used. Before the
PLL enable register bit (PLLENABLE) is set, the PLL multiplica-
tion factor should be programmed into Register 0x0A[5:0].
After setting the PLLENABLE bit, the PLL locks and reports a
locked state in Register 0x0A[7]. If the PLL multiplication factor
is changed, the PLL enable bit should be reset and set again.
Some common clock multiplication factors are shown in Table 8.
The recommended sequence for enabling and programming the
on-chip clock multiplier is as follows:
1.
Apply a reference clock to the CLK± pins.
2.
Program the PLL multiplication factor in
Register 0x0A[5:0]. See Table 8.
3.
Enable the PLL; Register 0x09 = 04 (decimal).
External PLL Control
At power-up, the serial interface is disabled until the first serial
port access. If the serial interface is disabled, the PLLMULTx
pins control the PLL multiplication factor. The five PLLMULTx
pins (Pin 44 to Pin 48) offer all the available multiplication
factors. If all PLLMULTx pins are tied high, the PLL is disabled
and the AD9267 assumes the high frequency modulator clock
rate that is applied to the CLK± pins. Table 10 shows the relation-
ship between PLLMULTx pins and the PLL multiplication factor.
PLL Autoband Select
The PLL VCO has a wide operating range that is covered by
overlapping frequency bands. For any desired VCO output fre-
quency, there are multiple valid PLL band select values. The
AD9267 possesses an automatic PLL band select feature on chip
that determines the optimal PLL band setting. This feature can
be enabled by writing to Register 0x0A[6] and is the recom-
mended configuration with the PLL clocking option.
Table 8. PLL Multiplication Factors
0x0A[5:0]
PLLMULT (N)
0x0A[5:0]
PLLMULT (N)
1
8
33
32
2
8
34
34
3
8
35
34
4
8
36
34
5
8
37
34
6
8
38
34
7
8
39
34
8
8
40
34
9
9
41
34
10
10
42
42
11
10
43
42
12
12
44
42
13
12
45
42
14
14
46
42
15
15
47
42
16
16
48
42
17
17
49
42
18
18
50
42
19
18
51
42
20
20
52
42
21
21
53
42
22
21
54
42
23
21
55
42
24
24
56
42
25
25
57
42
26
25
58
42
27
25
59
42
28
28
60
42
29
28
61
42
30
30
62
42
31
30
63
42
32
32
64
42
Table 9. Common Modulator Clock Multiplication Factors
CLK±
(MHz)
0x0A[5:0]
(PLLMULT)
fVCO
(MHz)
fMOD
(MHz)
BW
(MHz)
30.72
42
1290.24
645.12
10.08
39.3216
32
1258.29
629.15
9.83
52.00
25
1300.00
650.00
10.16
61.44
21
1290.24
645.12
10.08
76.80
17
1305.60
652.80
10.20
78.00
17
1326.00
663.00
10.36
78.6432
16
1258.29
629.15
9.83
89.60
15
1344.00
672.00
10.50
92.16
14
1290.24
645.12
10.08
122.88
10
1228.80
614.40
9.60
134.40
10
1344.00
672.00
10.50
153.60
8
1228.80
614.40
9.60
157.2864
8
1258.29
629.15
9.83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com