Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9267EBZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9267EBZ
Description  Dual Continuous Time Sigma-Delta Modulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9267EBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9267EBZ Datasheet HTML 5Page - Analog Devices AD9267EBZ Datasheet HTML 6Page - Analog Devices AD9267EBZ Datasheet HTML 7Page - Analog Devices AD9267EBZ Datasheet HTML 8Page - Analog Devices AD9267EBZ Datasheet HTML 9Page - Analog Devices AD9267EBZ Datasheet HTML 10Page - Analog Devices AD9267EBZ Datasheet HTML 11Page - Analog Devices AD9267EBZ Datasheet HTML 12Page - Analog Devices AD9267EBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AD9267
Rev. 0 | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. DNC = DO NOT CONNECT.
2. THE EXPOSED PAD MUST BE SOLDERED TO THE GROUND PLANE FOR THE
LFCSP PACKAGE. SOLDERING THE EXPOSED PADDLE TO THE PCB
INCREASES THE RELIABILITY OF THE SOLDER JOINTS, MAXIMIZING
THE THERMAL CAPACITY OF THE PACKAGE.
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CLK–
CVDD
PDWNA
PDWNB
PLL_LOCKED
DVDD
DGND
DRVDD
D0–B
D0+B
D1–B
D1+B
D2–B
D2+B
D3–B
D3+B
SCLK/PLLMULT0
SDIO/PLLMULT1
PLLMULT2
PLLMULT3
PLLMULT4
DVDD
DGND
DRVDD
D3+A
D3–A
D2+A
D2–A
D1+A
D1–A
D0+A
D0–A
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD9267
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CLK−
Differential Clock Input (−).
2
CVDD
Clock Supply (1.8 V).
3, 4
PDWNA, PDWNB
Power-Down Pins. Active high.
5
PLL_LOCKED
PLL Lock Indicator.
6, 25, 43
DVDD
Digital Supply (1.8 V).
7, 24, 42
DGND
Digital Ground.
8, 23, 41
DRVDD
Digital Output Driver Supply
9 to 16
D0−B, D0+B to D3−B, D3+B
Channel B Differential LVDS Data Output Bits. D0+B is the LSB and D3+B is the MSB.
17, 18
OR−B, OR+B
Channel B Overrange Indicator Pins.
19, 20
DCO−, DCO+
Differential Data Clock Output.
21, 22, 26 to 30
DNC
Do Not Connect.
31, 32
OR−A, OR+A
Channel A Overrange Indicator Pins.
33 to 40
D0−A, D0+A to D3−A, D3+A
Channel A Differential LVDS Data Output Bits. D0+A is the LSB and D3+A is the MSB.
44, 45, 46
PLLMULT4, PLLMULT3, PLLMULT2
PLL Mode Selection Pins.
47
SDIO/PLLMULT1
Serial Port Interface Data Input/Output/PLL Mode Selection Pins.
48
SCLK/PLLMULT0
Serial Port Interface Clock/PLL Mode Selection Pins.
49
CSB
Serial Port Interface Chip Select Pin Active Low.
50
RESET
Chip Reset.
51, 62
AGND
Analog Ground.
52, 55, 58, 61
AVDD
Analog Supply (1.8 V).
53, 54
VIN+A, VIN−A
Channel A Analog Input.
56
VREF
Voltage Reference Input.
57
CFILT
Noise Limiting Filter Capacitor.
59, 60
VIN+B, VIN−B
Channel B Analog Input.
63
CGND
Clock Ground.
64
CLK+
Differential Clock Input (+).
65
Exposed paddle (EPAD)
Analog Ground. (Pin 65 is the exposed thermal pad on the bottom of the package.) The
exposed paddle must be soldered to analog ground of the PCB to achieve optimal electrical
and thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com