Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9267EBZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9267EBZ
Description  Dual Continuous Time Sigma-Delta Modulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9267EBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9267EBZ Datasheet HTML 2Page - Analog Devices AD9267EBZ Datasheet HTML 3Page - Analog Devices AD9267EBZ Datasheet HTML 4Page - Analog Devices AD9267EBZ Datasheet HTML 5Page - Analog Devices AD9267EBZ Datasheet HTML 6Page - Analog Devices AD9267EBZ Datasheet HTML 7Page - Analog Devices AD9267EBZ Datasheet HTML 8Page - Analog Devices AD9267EBZ Datasheet HTML 9Page - Analog Devices AD9267EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
AD9267
Rev. 0 | Page 5 of 24
DIGITAL SPECIFICATIONS
All power supplies set to 1.8 V, 640 MHz sample rate, 2 V p-p differential input, 0.5 V internal reference, PLL disabled, AIN = −2.0 dBFS,
unless otherwise noted.
Table 3.
Parameter
Temp
Min
Typ
Max
Unit
DIFFERENTIAL CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS1/LVDS/LVPECL
Differential Input Voltage
Full
0.4
0.8
2
V p-p
Input Common-Mode Range
Full
450
mV
High Level Input Current
Full
−60
+60
μA
Low Level Input Current
Full
−60
+60
μA
Input Resistance
Full
20
kΩ diff
Input Capacitance
Full
1
pF
LOGIC INPUTS (SCLK)
High Level Input Voltage
Full
1.2
DRVDD + 0.3
V
Low Level Input Voltage
Full
0
0.8
V
High Level Input Current
Full
−50
−75
μA
Low Level Input Current
Full
−10
+10
μA
Input Resistance
Full
30
kΩ
Input Capacitance
Full
2
pF
LOGIC INPUTS (SDIO, CSB, RESET)
High Level Input Voltage
Full
1.2
DRVDD + 0.3
V
Low Level Input Voltage
Full
0
0.8
V
High Level Input Current
Full
−10
+10
μA
Low Level Input Current
Full
+40
+135
μA
Input Resistance
Full
26
kΩ
Input Capacitance
Full
5
pF
DIGITAL OUTPUTS (D0±x to D3±x)
ANSI-644
Logic Compliance
LVDS
Differential Output Voltage (VOD)
Full
247
454
mV
Output Offset Voltage (VOS)
Full
1.125
1.375
V
Output Coding (Default)
Twos complement
Low Power, Reduced Signal Option
Logic Compliance
LVDS
Differential Output Voltage (VOD)
Full
150
250
mV
Output Offset Voltage (VOS)
Full
1.10
1.30
V
Output Coding (Default)
Twos complement
1 For voltage swings beyond the specified range, clamping diodes are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com