Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9267EBZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9267EBZ
Description  Dual Continuous Time Sigma-Delta Modulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9267EBZ Datasheet(HTML) 1 Page - Analog Devices

  AD9267EBZ Datasheet HTML 1Page - Analog Devices AD9267EBZ Datasheet HTML 2Page - Analog Devices AD9267EBZ Datasheet HTML 3Page - Analog Devices AD9267EBZ Datasheet HTML 4Page - Analog Devices AD9267EBZ Datasheet HTML 5Page - Analog Devices AD9267EBZ Datasheet HTML 6Page - Analog Devices AD9267EBZ Datasheet HTML 7Page - Analog Devices AD9267EBZ Datasheet HTML 8Page - Analog Devices AD9267EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
10 MHz Bandwidth, 640 MSPS
Dual Continuous Time Sigma-Delta Modulator
AD9267
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
SNR: 83 dB (85 dBFS) to 10 MHz input
SFDR: −88 dBc to 10 MHz input
Noise figure: 15 dB
Input impedance: 1 kΩ
Power: 416 mW
10 MHz real or 20 MHz complex bandwidth
1.8 V analog supply operation
On-chip PLL clock multiplier
On-chip voltage reference
Twos complement data format
640 MSPS, 4-bit LVDS data output
Serial control interface (SPI)
APPLICATIONS
Baseband quadrature receivers: CDMA2000, W-CDMA,
multicarrier GSM/EDGE, 802.16x, and LTE
Quadrature sampling instrumentation
GENERAL DESCRIPTION
The AD9267 is a dual continuous time (CT) sigma-delta (Σ-Δ)
modulator with −88 dBc of dynamic range over 10 MHz real
or 20 MHz complex bandwidth. The combination of high
dynamic range, wide bandwidth, and characteristics unique
to the continuous time Σ-Δ modulator architecture makes the
AD9267 an ideal solution for wireless communication systems.
The AD9267 has a resistive input impedance that significantly
relaxes the requirements of the driver amplifier. In addition, a
32× oversampled fifth-order continuous time loop filter attenuates
out-of-band signals and aliases, reducing the need for external
filters at the input. The low noise figure of 15 dB relaxes the
linearity requirements of the front-end signal chain components,
and the high dynamic range reduces the need for an automatic
gain control (AGC) loop.
A differential input clock controls all internal conversion cycles.
An external clock input or the integrated integer-N PLL provides
the 640 MHz internal clock needed for the oversampled conti-
nuous time Σ-Δ modulator. The digital output data is presented
as 4-bit, LVDS at 640 MSPS in twos complement format. A data
clock output (DCO) is provided to ensure proper latch timing
with receiving logic. Additional digital signal processing may be
required on the 4-bit modulator output to remove the out-of-band
noise and to reduce the sample rate.
FUNCTIONAL BLOCK DIAGRAM
VIN+A
VIN–A
VIN+B
VIN–B
VREF
CFILT
PHASE-
LOCKED
LOOP
SERIAL
INTERFACE
Σ-Δ
MODULATOR
Σ-Δ
MODULATOR
AGND
SDIO/
PLLMULT1
SCLK/
PLLMULT0
DGND
CSB
AVDD
PDWNB
PDWNA
DRVDD
AD9267
D3±A
OR±A
D0±A
D3±B
D0±B
CLK+
PLLMULT2
PLLMULT3
PLLMULT4
PLL_LOCKED
CLK–
DCO±
OR±B
Figure 1.
The AD9267 operates on a 1.8 V power supply, consuming
416 mW. The AD9267 is available in a 64-lead LFCSP and
is specified over the industrial temperature range (−40°C
to +85°C).
PRODUCT HIGHLIGHTS
1.
Continuous time Σ-Δ architecture efficiently achieves high
dynamic range and wide bandwidth.
2.
Passive input structure reduces or eliminates the require-
ments for a driver amplifier.
3.
An oversampling ratio of 32× and high order loop filter
provide excellent alias rejection, reducing or eliminating
the need for antialiasing filters.
4.
Operates from a single 1.8 V power supply.
5.
A standard serial port interface (SPI) supports various
product features and functions.
6.
Features a low pin count, high speed LVDS interface with
data output clock.


Similar Part No. - AD9267EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9267EBZ AD-AD9267EBZ Datasheet
531Kb / 24P
10 MHz Bandwidth, 640 MSPS Dual Continuous Time Sigma-Delta Modulator
REV. 0
More results

Similar Description - AD9267EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7400 AD-AD7400 Datasheet
951Kb / 10P
Isolated Sigma-Delta Modulator
AD7401 AD-AD7401 Datasheet
462Kb / 20P
Isolated Sigma-Delta Modulator
3/06-Revision 0
logo
Maxim Integrated Produc...
DS8102 MAXIM-DS8102 Datasheet
157Kb / 9P
Dual Delta-Sigma Modulator and Encoder
Rev 1; 2/09
logo
Analog Devices
AD9267 AD-AD9267 Datasheet
531Kb / 24P
10 MHz Bandwidth, 640 MSPS Dual Continuous Time Sigma-Delta Modulator
REV. 0
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
Isolated Sigma-Delta Modulator
REV. D
AD7720 AD-AD7720_15 Datasheet
236Kb / 16P
CMOS Sigma-Delta Modulator
REV. 0
AD9262 AD-AD9262_17 Datasheet
1Mb / 33P
30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
Rev. A
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
Isolated Sigma-Delta Modulator
Rev. D
AD7401 AD-AD7401_V01 Datasheet
422Kb / 18P
Isolated Sigma-Delta Modulator
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com