Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9267EBZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9267EBZ
Description  Dual Continuous Time Sigma-Delta Modulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9267EBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9267EBZ Datasheet HTML 6Page - Analog Devices AD9267EBZ Datasheet HTML 7Page - Analog Devices AD9267EBZ Datasheet HTML 8Page - Analog Devices AD9267EBZ Datasheet HTML 9Page - Analog Devices AD9267EBZ Datasheet HTML 10Page - Analog Devices AD9267EBZ Datasheet HTML 11Page - Analog Devices AD9267EBZ Datasheet HTML 12Page - Analog Devices AD9267EBZ Datasheet HTML 13Page - Analog Devices AD9267EBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
AD9267
Rev. 0 | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
All power supplies set to 1.8 V, 640 MHz sample rate, 0.5 V internal reference, PLL disabled, AIN = −2.0 dBFS, TA = 25°C, unless
otherwise noted. The output spectrums shown in Figure 4 through Figure 9 were obtained after 16× decimation at the output of the AD9267
and are shown for a 10 MHz bandwidth.
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
1
2
3
456
7
8
9
10
FREQUENCY (MHz)
Figure 4. Single-Tone FFT with fIN = 2.4 MHz
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
1
2
3
456
7
8
9
10
FREQUENCY (MHz)
Figure 5. Single-Tone FFT with fIN = 4.2 MHz
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
1
2
3
456
7
8
9
10
FREQUENCY (MHz)
Figure 6. Single-Tone FFT with fIN = 8.4 MHz
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
1
23
4
5
678
9
10
FREQUENCY (MHz)
Figure 7. Two-Tone FFT with fIN1 = 2.1 MHz, fIN2= 2.4 MHz
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
1
2
3
456
7
8
9
10
FREQUENCY (MHz)
Figure 8. Two-Tone FFT with fIN1 = 3.6 MHz, fIN2 = 4.2 MHz
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
1
2
3
456
7
8
9
10
FREQUENCY (MHz)
Figure 9. Two-Tone FFT with fIN1 = 7.2 MHz, fIN2 = 8.4 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com