Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9267EBZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9267EBZ
Description  Dual Continuous Time Sigma-Delta Modulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9267EBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9267EBZ Datasheet HTML 7Page - Analog Devices AD9267EBZ Datasheet HTML 8Page - Analog Devices AD9267EBZ Datasheet HTML 9Page - Analog Devices AD9267EBZ Datasheet HTML 10Page - Analog Devices AD9267EBZ Datasheet HTML 11Page - Analog Devices AD9267EBZ Datasheet HTML 12Page - Analog Devices AD9267EBZ Datasheet HTML 13Page - Analog Devices AD9267EBZ Datasheet HTML 14Page - Analog Devices AD9267EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD9267
Rev. 0 | Page 10 of 24
0
50
100
150
200
250
300
–130
–120
–110
–100
–90
–80
–70
–60
–50
FREQUENCY (MHz)
Figure 10. Noise Transfer Function (NTF)
120
100
80
60
40
20
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SFDR
(dBFS)
SFDR
(dBc)
SNR
(dBFS)
SNR
(dB)
Figure 11. Single-Tone SNR and SFDR vs. Input Amplitude with fIN = 2.4 MHz
91
90
89
88
87
86
85
84
83
–60
–40
–20
0
100
80
60
40
20
TEMPERATURE (°C)
1.9V
1.8V
1.7V
Figure 12. SFDR vs. Temperature
FREQUENCY (MHz)
0
82.0
82.2
82.4
82.6
82.8
83.0
83.2
83.4
83.6
83.8
84.0
1234
56789
Figure 13. Single-Tone SNR vs. Input Frequency
COMMON-MODE VOLTAGE (V)
1.70
82.0
82.2
82.4
82.6
82.8
83.0
83.2
83.4
83.6
83.8
84.0
1.75
1.80
1.85
1.90
Figure 14. SNR vs. Input Common-Mode Voltage
–60
–40
–20
0
100
80
60
40
20
TEMPERATURE (°C)
1.9V
1.8V
1.7V
83.4
83.2
83.0
82.8
82.6
82.4
82.2
82.0
81.8
Figure 15. SNR vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com