Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9267EBZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD9267EBZ
Description  Dual Continuous Time Sigma-Delta Modulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9267EBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9267EBZ Datasheet HTML 8Page - Analog Devices AD9267EBZ Datasheet HTML 9Page - Analog Devices AD9267EBZ Datasheet HTML 10Page - Analog Devices AD9267EBZ Datasheet HTML 11Page - Analog Devices AD9267EBZ Datasheet HTML 12Page - Analog Devices AD9267EBZ Datasheet HTML 13Page - Analog Devices AD9267EBZ Datasheet HTML 14Page - Analog Devices AD9267EBZ Datasheet HTML 15Page - Analog Devices AD9267EBZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
AD9267
Rev. 0 | Page 11 of 24
–120
–110
–100
–90
–80
–70
–60
–50
–40
–60
–50
–40
–30
–20
–10
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
SFDR (dBc)
Figure 16. Two-Tone SFDR vs. Input Amplitude with
fIN1 = 2.1 MHz, fIN2 = 2.4 MHz
–120
–110
–100
–90
–80
–70
–60
–50
–40
–60
–50
–40
–30
–20
–10
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
SFDR (dBc)
Figure 17. Two-Tone SFDR vs. Input Amplitude with
fIN1 = 7.2 MHz, fIN2 = 8.4 MHz
78
79
80
81
82
83
84
PLL DIVIDE RATIO
4.0
4.5
5.0
6.0
7.0
7.5
8.0
8.5
9.0
10.0
10.5
12.0
12.5
14.0
15.0
16.0
17.0
21.0
2.4MHz
8.4MHz
Figure 18. Single-Tone SNR vs. PLL Divide Ratio with
fIN1 = 2.4 MHz, fIN2 = 8.4 MHz
0
8192
16,384 24,576 32,768 40,960 49,152 57,344 65,536
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
OUTPUT CODE
Figure 19. INL with fIN = 2.4 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com