Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9267EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9267EBZ
Description  Dual Continuous Time Sigma-Delta Modulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9267EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9267EBZ Datasheet HTML 3Page - Analog Devices AD9267EBZ Datasheet HTML 4Page - Analog Devices AD9267EBZ Datasheet HTML 5Page - Analog Devices AD9267EBZ Datasheet HTML 6Page - Analog Devices AD9267EBZ Datasheet HTML 7Page - Analog Devices AD9267EBZ Datasheet HTML 8Page - Analog Devices AD9267EBZ Datasheet HTML 9Page - Analog Devices AD9267EBZ Datasheet HTML 10Page - Analog Devices AD9267EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
AD9267
Rev. 0 | Page 6 of 24
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, unless otherwise noted.
Table 4.
Parameter1
Conditions/Comments
Temp
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Using clock multiplier
Input CLK Rate
Full
30
160
MSPS
CLK± Period
Full
6.25
33.3
ns
CLK± Duty Cycle
Full
40
50
60
%
CLOCK INPUT PARAMETERS
Direct clocking
Conversion Rate
Full
608
640
672
MSPS
CLK± Period
Full
1.48
1.5625
1.72
ns
CLK± Duty Cycle
Full
40
50
60
%
DATA OUTPUT PARAMETERS
Data Propagation Delay (tPD)2
Full
160
510
840
ps
DCO± Propagation Delay (tDCO)
Full
-60
268
570
ps
DCO± to Data Skew (tSKEW)
Full
180
200
280
Ps
Aperture Uncertainty (Jitter, tJ)
Full
1
ps rms
WAKE-UP TIME
Power-Down Power
25°C
3
Μs
Standby Power
25°C
9
μs
Sleep Power
25°C
15
μs
OUT-OF-RANGE RECOVERY TIME
25°C
100
ns
SERIAL PORT INTERFACE3
SCLK Period (tSCLK)
Full
40
ns
SCLK Pulse Width High Time (tSHIGH)
Full
16
ns
SCLK Pulse Width Low Time (tSLOW)
Full
16
ns
SDIO to SCLK Set-Up Time (tSDS)
Full
5
ns
SDIO to SCLK Hold Time (tSDH)
Full
2
ns
CSB to SCLK Set-Up Time (tSS)
Full
5
ns
CSB to SCLK Hold Time (tSH)
Full
2
ns
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2 Output propagation delay is measured from CLK± 50% transition to data D0±x to D3±x 50% transition, with 5 pF load.
3 See Figure 42 and the Serial Port Interface (SPI) section.
Timing Diagram
CLK±
DCO±
D0±x TO D3±x
tPD
tDCO
tSKEW
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com