Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676 Datasheet(PDF) 64 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 64 Page - Analog Devices

Back Button AD6676 Datasheet HTML 60Page - Analog Devices AD6676 Datasheet HTML 61Page - Analog Devices AD6676 Datasheet HTML 62Page - Analog Devices AD6676 Datasheet HTML 63Page - Analog Devices AD6676 Datasheet HTML 64Page - Analog Devices AD6676 Datasheet HTML 65Page - Analog Devices AD6676 Datasheet HTML 66Page - Analog Devices AD6676 Datasheet HTML 67Page - Analog Devices AD6676 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 90 page
background image
AD6676
Data Sheet
Rev. D | Page 64 of 90
SERIAL PORT INTERFACE (SPI)
SPI REGISTER MAP DESCRIPTION
The AD6676 contains a set of programmable registers (described in
the Register Memory Map section) that initialize and configure the
device for its intended application. Note the following points
when programming the AD6676 SPI registers:
Registers pertaining to similar functions are typically
grouped together and assigned adjacent addresses.
Bits that are undefined within a register must be assigned a
0 when writing to that register.
Do not write to registers that are undefined.
A hardware or software reset is recommended on power-
up to place SPI registers in a known state.
A SPI initialization routine is required as part of the boot
process. See Table 26 for an example procedure.
Reset
Issuing a hardware or software reset places the AD6676 SPI
registers in a known state. Both types of resets are similar in
that they place SPI registers to their default states as described
in Table 32, with the notable exception that a software reset
does not affect Register 0x000. A hardware reset can be issued
from a host or external supervisory IC by applying a low pulse
with a minimum width of 40 ns to the RESETB pin (Pin G6).
RESETB can also kept be left open if unused because it has an
internal pull-up resistor. After issuing a reset, the SPI initialization
process need only write to registers that are required for the
boot process as well as any other register settings that must be
modified, depending on the target application.
Although the AD6676 does feature an internal power on reset
(POR), it is still recommended that a software or hardware reset
be implemented shortly after power-up. The internal reset
signal is derived from a logical OR operation from the internal
POR signal, the RESETB pin, and the software reset state. A self
clearing software reset can be issued via the reset bit (Register 0x00,
Bit 7). It is also recommended that the bit settings for Bits[7:4]
be mirrored onto Bits[3:0] for the instruction cycle that issues a
software reset.
Table 31. SPI Registers Pertaining to SPI Options
Address (Hex)
Bit
Description
0x000
7
Software reset SPI
6
Enable SPI LSB first
4
Enable 4-wire
SPI OPERATION
The serial port of the AD6676 shown in Figure 146 has a 3- or
4-wire SPI capability, allowing read/write access to all registers
that configure the internal parameters of the device. It provides
a flexible, synchronous serial communications port, allowing easy
interface to most industry-standard FPGAs and microcontrollers.
The 1.8 V to 2.5 V serial input/output is compatible with most
synchronous transfer formats.
AD6676
SPI PORT
SDO (PIN H6)
SDIO (PIN K8)
SCLK (PIN K7)
CSB (PIN J6)
Figure 146. AD6676 SPI Port
The default 4-wire SPI interface consists of a clock (SCLK),
serial port enable (CSB), serial data input (SDIO), and serial
data output (SDO). The inputs to SCLK, CSB, and SDIO contain
a Schmitt trigger centered about VDDIO/2. The maximum
frequency for SCLK is 40 MHz. The SDO pin is active only
during the transmission of data and remains three-stated at any
other time.
A 3-wire SPI interface can be enabled by clearing the SDIO_DIR
bit (Register 0x000, Bit 4). This causes the SDIO pin to become
bidirectional such that output data only appears on the SDIO
pin during a read operation. The SDO pin remains three-stated
in a 3-wire SPI interface.
Instruction Header Information
MSB
LSB
I_15
I_14
I_13
I_12
…
…
I_01
I_00
R/W
A14
A13
A12
…
…
A1
A0
A 16-bit instruction header must accompany each read and write
operation. The MSB is a R/W indicator bit with logic high
indicating a read operation. The remaining 15 bits specify the
address bits to be accessed during the data transfer portion. The
eight data bits immediately follow the instruction header for
both read and write operations. For write operations, registers
change immediately on writing to the last bit of each transfer byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com