Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676 Datasheet(PDF) 31 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD6676 Datasheet HTML 27Page - Analog Devices AD6676 Datasheet HTML 28Page - Analog Devices AD6676 Datasheet HTML 29Page - Analog Devices AD6676 Datasheet HTML 30Page - Analog Devices AD6676 Datasheet HTML 31Page - Analog Devices AD6676 Datasheet HTML 32Page - Analog Devices AD6676 Datasheet HTML 33Page - Analog Devices AD6676 Datasheet HTML 34Page - Analog Devices AD6676 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 90 page
background image
Data Sheet
AD6676
Rev. D | Page 31 of 90
Σ-Δ ADC Adaptive Shuffler
The AD6676 includes a programmable adaptive shuffler that
improves the SFDR and IMD performance of the Σ-Δ ADC
under large signal conditions. As shown in Figure 68, the adaptive
shuffler randomizes the selection of the unit elements used by
the feedback DACs to reconstruct the output signal of the
quantizer. Both static and dynamic mismatch errors associated
with the quantizer and feedback DACs are dithered such that
the spurious contribution is spread across a wider frequency
span. Figure 86 compares the improved IMD performance for a
two tone excitation when the shuffler is enabled and disabled.
0
–120
–100
–80
–60
–40
–20
0
–120
–100
–80
–60
–40
–20
140
150
160
170
180
190
200
210
220
FREQUENCY (MHz)
ADAPTIVE SHUFFLING
DISABLED
ADAPTIVE SHUFFLING ENABLED
SHUFFLE EVERY
ONE ADC CLOCK CYCLE
(0x342 = 0xF5, 0x343 = 0xFF)
Figure 86. IMD Performance when Shuffler Is Disabled vs. Enabled for Two
CW Tones at −8 dBFS, (FIF = 180 MHz, BW = 80 MHz, FADC = 3.2 GHz, LEXT = 43 nH)
Although the shuffler improves the SFDR and IMD performance,
it does so at the expense of the in-band NSD performance. For
this reason, both the degree of shuffling as well as the enabling
threshold relative to the quantizer output code is user programmable,
allowing optimization for a target application. The shuffling rate
is variable from 1 to 4 ADC clock cycles (1/FADC). The shuffler
remains enabled for a fixed amount of clock cycles from the
instant that the input signal falls below this threshold and
remains below it.
The enabling threshold is relative to the quantizer code and
represents the peak absolute value that triggers the shuffler. The
quantizer can produce an output code ranging from −8 to +8,
therefore the threshold can assume a value between 0 to 8. The
4-bit value is set via Register 0x342 or Register 0x343. A
hexadecimal value of 0x0 sets the shuffler to always enabled
whereas a value of 0xF effectively disables the shuffler.
The 4-bit fields in Register 0x342 and Register 0x343 set the
threshold value based on the shuffling rate selected. Set only the
4-bit field pertaining to the selected shuffling rate while the
remaining nonapplicable 4-bit fields set to 0xF. Disable the shuffler
by setting all the 4-bit fields to 0xF, the highest threshold setting.
Table 9 shows the SPI register settings for the various shuffling
modes when the threshold is set to its default setting of 5. Other
threshold values ranging from 3 to 8 are also possible. Table 10
shows the input power level that triggers the shuffler for different
threshold value settings when driven by a continuous wave tone.
Table 9. Default SPI Register Settings for Adaptive Shuffling
Shuffling Rate
Register 0x342
Register 0x343
FADC
0xF5
0xFF
FADC/2
0x5F
0xFF
FADC/3
0xFF
0xF5
FADC/4
0xFF
0x5F
Disable shuffler
0xFF
0xFF
Table 10. Threshold Setting Values that Trigger the Shuffler
for a Continuous Wave Tone
PIN (dBFS)
Threshold Setting
−3
8
−5
7
−7
6
−10
5
−14
4
−20
3
When enabled, the shuffler can introduce colored noise into the
pass band spectrum. This additional noise is a result of the
increased switching activity within the Σ-Δ ADC core along
with the pseudorandom element selection process, thus resulting
in signal level dependent colored noise at frequency offsets related
to the shuffling rate. Figure 87 highlights the effect of the colored
noise between shuffle every four clock cycles vs. one cycle with
and without a large signal continuous wave tone present and the
shuffling threshold set to 0.
Typically, the shuffling threshold is set in the range of 4 to 6. This
example serves to highlight the colored noise effects of shuffling.
Selecting a higher threshold setting is preferable when trying to
preserve the NSD performance. For this reason, the AD6676
default threshold setting is 5 with the shuffle every clock cycle
option.
The four-cycle option introduces visible noise humps with a
−1 dBFS signal level. This colored noise is at an offset of
fCLK/128, resulting from the pseudorandom element selection
process. Other shuffling options also introduce colored noise
but at a greater frequency offset that are related to the shuffling
rate factor (SRF) as described by the following equation:
Frequency Offset = fCLK/(32 × SRF)
(5)
The effect of this colored noise is worthy of consideration when
selecting the shuffling rate and threshold. For example, sweeping
a −1 dBFS continuous wave tone across the usable IF pass band
region while monitoring the NSD characteristics is helpful to
identify what shuffling rate may have the least impact on the
NSD performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com