Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676 Datasheet(PDF) 79 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 79 Page - Analog Devices

Back Button AD6676 Datasheet HTML 75Page - Analog Devices AD6676 Datasheet HTML 76Page - Analog Devices AD6676 Datasheet HTML 77Page - Analog Devices AD6676 Datasheet HTML 78Page - Analog Devices AD6676 Datasheet HTML 79Page - Analog Devices AD6676 Datasheet HTML 80Page - Analog Devices AD6676 Datasheet HTML 81Page - Analog Devices AD6676 Datasheet HTML 82Page - Analog Devices AD6676 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 90 page
background image
Data Sheet
AD6676
Rev. D | Page 79 of 90
Force GPIO Value Register
Address: 0x1B2, Reset: 0x00, Name: FORCE_GPIO_VAL
Table 89. Bit Descriptions for FORCE_GPIO_VAL
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
0x0
RW
[3:0]
FORCE_GPIO_VAL
Force GPIO Value. When used in conjunction with FORCE_GPIO and FORCE_GPIO_OUT,
configure the state of one or more of the pins, AGC1 to AGC4, when being used as a
general purpose output.
0x00
RW
Bit [0]: state of AGC1 when being used as an output.
Bit [1]: state of AGC2 when being used as an output.
Bit [2]: state of AGC3 when being used as an output.
Bit [3]: state of AGC4 when being used as an output.
GPIO Output Status Register
Address: 0x1B3, Reset: 0x00, Name: READ_GPO
Table 90. Bit Descriptions for READ_GPO
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
0x0
RW
[3:0]
READ_GPO
Read back the status of the GPIO output bits. These are the same as the external pins,
AGC1 through AGC4, if the GPIO are enabled and configured as outputs.
0x00
R
GPIO Input Status Register
Address: 0x1B4, Reset: 0x00, Name: READ_GPI
Table 91. Bit Descriptions for READ_GPI
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
0x0
RW
[3:0]
READ_GPI
Read back the status of the GPIO input bits. These are the same as the external
pins, AGC1 through AGC4, if the GPIO are enabled and configured as inputs
0x00
R
JESD204 DID Register
Address: 0x1C0, Reset: 0x00, Name: DID
Table 92. Bit Descriptions for DID
Bits
Bit Name
Description
Reset
Access
[7:0]
DID
Device ID
0x00
RW
JESD204 BID Register
Address: 0x1C1, Reset: 0x00, Name: BID
Table 93. Bit Descriptions for BID
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
0x0
R
[3:0]
BID
Bank ID
0x0
RW
JESD204 L/SCR Register
Address: 0x1C3, Reset: 0x00, Name: L
Table 94. Bit Descriptions for L
Bits
Bit Name
Settings
Description
Reset
Access
7
SCR
SCR Parameter.
0x0
RW
0
Scrambling disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com