Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676 Datasheet(PDF) 76 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 76 Page - Analog Devices

Back Button AD6676 Datasheet HTML 72Page - Analog Devices AD6676 Datasheet HTML 73Page - Analog Devices AD6676 Datasheet HTML 74Page - Analog Devices AD6676 Datasheet HTML 75Page - Analog Devices AD6676 Datasheet HTML 76Page - Analog Devices AD6676 Datasheet HTML 77Page - Analog Devices AD6676 Datasheet HTML 78Page - Analog Devices AD6676 Datasheet HTML 79Page - Analog Devices AD6676 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 90 page
background image
AD6676
Data Sheet
Rev. D | Page 76 of 90
ADC Reset Attenuation Step Register
Address: 0x18A, Reset: 0x06, Name: ATTEN_STEP_RE
Table 74. Bit Descriptions for ATTEN_STEP_RE
Bits
Bit Name
Description
Reset
Access
[7:5]
RESERVED
0x0
RW
[4:0]
ATTEN_STEP_RE
The size of the increase in attenuation after a reset event, in dB. The
attenuation is clipped to a maximum value of 27 dB.
0x06
RW
ADC Unstable Flag Control Register
Address: 0x18F, Reset: 0x00, Name: ADC_UNSTABLE
Table 75. Bit Descriptions for ADC_UNSTABLE
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
0x00
RW
1
CLEAR_UNSTABLE_FLAG
Clear unstable flag. Writing a 1 to this bit clears the UNSTABLE_FLAG. This
bit is self clearing.
0x0
RW
0
UNSTABLE_FLAG
Unstable flag. This is a sticky flag that indicates if an ADC reset condition
has been detected. It is cleared only by the CLEAR_UNSTABLE_FLAG bit
and the hardware/software resets.
0x0
R
Peak Threshold 0 LSB Register
Address: 0x193, Reset: 0x00, Name: PKTHRH0_LSB
Table 76. Bit Descriptions for PKTHRH0_LSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
PKTHRH0_LSB
Peak Threshold 0 LSB.
0x00
RW
Peak Threshold 0 MSB Register
Address: 0x194, Reset: 0x00, Name: PKTHRH0_MSB
Table 77. Bit Descriptions for PKTHRH0_MSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
RESERVED
0x0
RW
[3:0]
PKTHRH0_MSB
Peak Threshold 0 MSB.
0x0
RW
Peak Threshold 1 LSB Register
Address: 0x195, Reset: 0x00, Name: PKTHRH1_LSB
Table 78. Bit Descriptions for PKTHRH1_LSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
PKTHRH1_LSB
Peak Threshold 1 LSB.
0x00
RW
Peak Threshold 1 MSB Register
Address: 0x196, Reset: 0x00, Name: PKTHRH1_MSB
Table 79. Bit Descriptions for PKTHRH1_MSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
RESERVED
0x0
RW
[3:0]
PKTHRH1_MSB
Peak Threshold 1 MSB.
0x0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com