Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676 Datasheet(PDF) 29 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD6676 Datasheet HTML 25Page - Analog Devices AD6676 Datasheet HTML 26Page - Analog Devices AD6676 Datasheet HTML 27Page - Analog Devices AD6676 Datasheet HTML 28Page - Analog Devices AD6676 Datasheet HTML 29Page - Analog Devices AD6676 Datasheet HTML 30Page - Analog Devices AD6676 Datasheet HTML 31Page - Analog Devices AD6676 Datasheet HTML 32Page - Analog Devices AD6676 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
Data Sheet
AD6676
Rev. D | Page 29 of 90
Surface mount inductors can be either wire-wound or
multilayer. The lower cost multilayer inductors typically
have quality factors below 20 that may have a slight impact
on the AD6676 NSD performance. Compare performance
between the two inductor types before making a decision to
select a lower cost multilayer type.
Because the voltage swing across the LC tank scales
proportionally with IDAC1FS, which sets PIN_0dBFS, a
reduction in IDAC1FS allows an inversely proportional
increase of LEXT to maintain a similar voltage swing. Note
that the minimum tuning capacitance from the internal
capacitor array along with any parasitic PCB capacitance
sets largest the LEXT as defined in Equation 3.
LMAX_TUNE = ((2π × FIF)2 × 7.1 pF)−1
(3)
The minimum capacitance contribution of the array can be up to
6.6 pF due to ±20 process variation. An additional 0.5 pF of PCB
parasitic capacitance is also included, thus a value of 7.1 pF is used.
Tie the two external inductors, LEXT, to the VDD2 supply via a
10 Ω resistor that includes a 0.1 μF decoupling capacitor, as
shown in Figure 93.
The following example highlights how LEXT can be determined
with the following application parameters: FIF = 150 MHz, FADC =
3.0 GHz and IDAC1FS = 4 mA. Referring to Figure 80, the LMAX
and LMIN range is from 20 nH to 70 nH. A value of 43 nH
represents 61% of LMAX and thus is suitable. Note that if the
IDAC1FS is reduced to 2 mA, this value can be increased to
86 nH because this value is below the absolute maximum.
Reduced PIN_0dBFS Operation via Scaling IDAC1FS
The PIN_0dBFS can be reduced by up to 12 dB because IDAC1FS is
adjustable over a 4 mA to 1 mA span as defined by Equation 4.
IDAC1FS = 4 mA × (IDAC1_FS/64)
(4)
where IDAC1_FS is the decimal equivalent of the value in
Register 0x10A.
The LEXT value can be increased proportionally to any reduction
in IDAC1FS to maintain similar voltage swings across the LC tank.
The NSD and IMD performance are shown in Figure 81 and
Figure 82 for IDAC1FS settings of 4.0 mA, 2.0 mA, and 1.0 mA.
Figure 83 shows the STF response for each of these cases. Note
the following observations from this example:
With an IF of 300 MHz, the absolute maximum inductor is
39 nH; therefore, this inductor value is selected for both
IDAC1FS = 2.0 mA and 1.0 mA.
Reducing IDAC1FS from 4.0 mA to 2.0 mA and doubling
LEXT lowers the PIN_0dBFS by 6 dB but increases the
average in-band noise, IBN, by only 1.8 dB. The noise
figure of the ADC therefore improves by 4.2 dB.
Reducing IDAC1FS from 2.0 mA to 1.0 mA lowers the ADC
full scale by a further 6 dB and increases the average in-
band noise by only 4.6 dB. In this case, the noise figure
improvement is a modest 1.4 dB.
The swept IMD performance shows a degradation at
reduced IDAC1FS settings.
The STF response remains largely unaffected by reduced
IDAC1FS settings.
–145
–160
–155
–150
250
260
270
280
290
300
310
320
330
340
350
INPUT FREQUENCY (MHz)
IDAC1FS = 1mA, LEXT = 39nH
(IBN = –67.9dBFS)
IDAC1FS = 2mA, LEXT = 39nH
(IBN = –72.5dBFS)
IDAC1FS = 4mA, LEXT = 19nH
(IBN = –74.3dBFS)
Figure 81. NSD vs. IDAC1FS Setting with Decimate by 16, I/Q Output (IF =
300 MHz, BW = 100 MHz, FADC = 3.2 GHz)
–80
–98
–92
–86
–82
–94
–88
–84
–96
–90
250
260
270
280
290
300
310
320
330
340
350
FREQUENCY (MHz)
IDAC1FS = 4mA
(19nH)
IDAC1FS = 2mA
(39nH)
IDAC1FS = 1mA
(39nH)
Figure 82. Swept Dual-Tone IMD vs. IDAC1FS Setting with Decimate by 16, I/Q
Output, Dual Tones Set to −8 dBFS (IF = 300 MHz, BW = 100 MHz, FADC = 3.2 GHz)
0.5
–0.5
–0.1
0.2
0.4
–0.2
0.1
0.3
–0.3
–0.4
0
250
260
270
280
290
300
310
320
330
340
350
FREQUENCY (MHz)
IDAC1FS = 4mA
(19nH)
IDAC1FS = 2mA
(39nH)
IDAC1FS = 1mA
(39nH)
Figure 83. STF vs. IDAC1FS Setting with Decimate by 16, I/Q Output, Dual
Tones Set to −8 dBFS (IF = 300 MHz, BW = 100 MHz, FADC = 3.2 GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com