Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676 Datasheet(PDF) 32 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD6676 Datasheet HTML 28Page - Analog Devices AD6676 Datasheet HTML 29Page - Analog Devices AD6676 Datasheet HTML 30Page - Analog Devices AD6676 Datasheet HTML 31Page - Analog Devices AD6676 Datasheet HTML 32Page - Analog Devices AD6676 Datasheet HTML 33Page - Analog Devices AD6676 Datasheet HTML 34Page - Analog Devices AD6676 Datasheet HTML 35Page - Analog Devices AD6676 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
AD6676
Data Sheet
Rev. D | Page 32 of 90
–140
–142
–144
–146
–148
–150
–152
–154
–156
–158
–160
140
150
160
170
180
190
200
210
220
INPUT FREQUENCY (MHz)
SHUFFLE EVERY 1 ADC CYCLE
IBN = –75.5dBFS
SHUFFLE EVERY 4 ADC CYCLES
IBN = –76.3dBFS
SHUFFLE DISABLED
IBN = –77.4dBFS
Figure 87. NSD Performance of the Various Shuffling Settings with No Signal;
Threshold Set to 0 (Shuffler Is Always Enabled); FIF = 180 MHz, BW = 80 MHz,
FADC = 3.2 GHz, LEXT = 43 nH
–140
–142
–144
–146
–148
–150
–152
–154
–156
–158
–160
140
150
160
170
180
190
200
210
220
INPUT FREQUENCY (MHz)
SHUFFLE EVERY
1 ADC CYCLE
IBN = –73.6dBFS
SHUFFLE EVERY
4 ADC CYCLES
IBN = –74.0dBFS
SHUFFLE DISABLED
IBN = –74.6dBFS
Figure 88. NSD Performance of the Various Shuffling Settings with a −1 dBFS
Signal; Threshold Set to 0 (Shuffler Is Always Enabled); FIF = 180 MHz, BW =
80 MHz, FADC = 3.2 GHz, LEXT = 43 nH
The degradation in NSD performance is also dependent on the
input signals amplitude; thus, it is important to select a shuffling
rate and threshold setting that result in an optimum trade-off
between large signal linearity performance and low signal level
in-band noise performance. Figure 89 shows how the in-band
noise (dBFS) degrades at increasing signal levels for the same
settings used in Figure 87. In this example, a continuous wave
tone is placed just above the pass band with its power swept
from −40 dBFS to −1 dBFS. At low signal levels (less than
−20 dBFS), the degradation in in-band noise performance is
dependent on the shuffling rate. At higher signal levels (greater
than−20 dBFS), the degradation is a result of increased colored
noise falling in the pass band. Selecting a shuffle rate of every
two ADC cycles with a threshold in the range of 4 or 5 is a good
compromise, as shown in Figure 90.
–74
–75
–76
–77
–78
–79
–800
–40
–35
–30
–25
–20
–15
–10
–5
0
INPUT POWER (dBFS)
SHUFFLING EVERY 1 ADC CYCLE
SHUFFLING EVERY 2 ADC CYCLES
SHUFFLING EVERY 4 ADC CYCLES
SHUFFLING EVERY 3 ADC CYCLES
SHUFFLING DISABLED
Figure 89. Pass Band Degradation in IBN (dBFS) as a Continuous Wave Tone
at 225 MHz, Swept from −40 dBFS to −1 dBFS with Different Shuffling Rate
Settings, Threshold Set to 0, FIF = 180 MHz, BW = 80 MHz,
FADC = 3.2 GHz, LEXT = 43 nH
–74
–75
–76
–77
–78
–79
–80
–40
–35
–30
–25
–20
–15
–10
–5
0
INPUT POWER (dBFS)
SHUFFLING DISABLED
SHUFFLING EVERY 2 ADC CYCLES
THRESHOLD = 4
SHUFFLING EVERY 2 ADC CYCLES
THRESHOLD = 5
Figure 90. IBN vs. Input Power Performance for Threshold Settings of 4 and 5
When Configured for Shuffle Every Two ADC Cycles
After a particular shuffling configuration is selected, the effects
on the Σ-Δ ADC performance remain repeatable over time and
among different devices
Σ-Δ ADC Profile Feature
The AD6676 includes a feature that allows the Σ-Δ ADC to
store up to four different profile settings that can be recalled
quickly via Register 0x118 without recalibrating the Σ-Δ ADC.
Calibration of each of the different profiles specified in
Register 0x115 occurs during the device initialization phase
with each profile consisting of the following various application
parameters: BW, FIF, IDAC1FS, and MRGN. FADC, along with the
decimation filter and JESD204B settings, remains common to
ensure that the JESD204B link is maintained when switching
between profile settings. Note that the Σ-Δ ADC is operational
with the updated profile settings within 1 μs upon receipt of the
SPI command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com