Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676 Datasheet(PDF) 78 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 78 Page - Analog Devices

Back Button AD6676 Datasheet HTML 74Page - Analog Devices AD6676 Datasheet HTML 75Page - Analog Devices AD6676 Datasheet HTML 76Page - Analog Devices AD6676 Datasheet HTML 77Page - Analog Devices AD6676 Datasheet HTML 78Page - Analog Devices AD6676 Datasheet HTML 79Page - Analog Devices AD6676 Datasheet HTML 80Page - Analog Devices AD6676 Datasheet HTML 81Page - Analog Devices AD6676 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 90 page
background image
AD6676
Data Sheet
Rev. D | Page 78 of 90
AGC Flag Enable Register
Address: 0x19E, Reset: 0x00, Name: EN_FLAG
Table 86. Bit Descriptions for EN_FLAG
Bits
Bit Name
Description
Reset
Access
[7:5]
RESERVED
0x0
RW
4
EN_OR
Combine ADC reset with peak detect. When asserted, this bit causes
the ADC reset pulse (Flag Select Option 0) to be logically OR-ed with
one of the peak-detect flags options specified in Register 0x19B or
Register 0x19C.
0x0
RW
[3:2]
RESERVED
0x0
RW
1
EN_FLAG1
Enable Flag 1.
0x0
RW
0 = Force AGC4 pin low.
1 = Enable selected flag on AGC4 pin (see FLAG1_SEL).
0
EN_FLAG0
Enable Flag 0.
0x0
RW
0 = Force AGC3 pin low.
1 = Enable selected flag on AGC3 pin (see FLAG0_SEL).
Force GPIO Register
Address: 0x1B0, Reset: 0x00, Name: FORCE_GPIO
Table 87. Bit Descriptions for FORCE_GPIO
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
0x0
RW
[3:0]
FORCE_GPIO
Force GPIO use. Force one or more of the pins, AGC1 to AGC4, to be used as a GPIO rather than
any other specified use.
0x00
RW
Bit 0: force AGC1 to be used as a GPIO.
Bit 1: force AGC2 to be used as a GPIO.
Bit 2: force AGC3 to be used as a GPIO.
Bit 3: force AGC4 to be used as a GPIO.
Force GPIO as Output Register
Address: 0x1B1, Reset: 0x00, Name: FORCE_GPIO_OUT
Table 88. Bit Descriptions for FORCE_GPIO_OUT
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
0x0
RW
[3:0]
FORCE_GPIO_OUT
Force GPIO use as an output. When used in conjunction with FORCE_GPIO, configure
one or more of the pins, AGC1 to AGC4, to be used as a general purpose output or input.
0x00
RW
Bit 0 = 1: use AGC1 as an output.
Bit 0 = 0: use AGC1 as an input.
Bit 1 = 1: use AGC2 as an output.
Bit 1 = 0: use AGC2 as an input.
Bit 2 = 1: use AGC3 as an output.
Bit 2 = 0: use AGC3 as an input.
Bit 3 = 1: use AGC4 as an output.
Bit 3 = 0: use AGC4 as an input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com