Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676 Datasheet(PDF) 16 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD6676 Datasheet HTML 12Page - Analog Devices AD6676 Datasheet HTML 13Page - Analog Devices AD6676 Datasheet HTML 14Page - Analog Devices AD6676 Datasheet HTML 15Page - Analog Devices AD6676 Datasheet HTML 16Page - Analog Devices AD6676 Datasheet HTML 17Page - Analog Devices AD6676 Datasheet HTML 18Page - Analog Devices AD6676 Datasheet HTML 19Page - Analog Devices AD6676 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 90 page
background image
AD6676
Data Sheet
Rev. D | Page 16 of 90
0
–130
–90
–100
–110
–120
–80
–70
–60
–50
–40
–30
–20
–10
125 135 145 155 165 175 185 195 205 215 225 235
INPUT FREQUENCY (MHz)
WORST SWEPT
PASS BAND
SPUR FOR
–1dBFS CW
AT –3.5dBm
IF PASS BAND
REGION = 75MHz
–97dBFS
NBW = 5.6kHz
–1dBFS
AT 185MHz
Figure 28. Worst Spur Falling in 75 MHz Pass Band for Swept CW from
122.88 MHz to 245.76 MHz
0
–130
–90
–100
–110
–120
–80
–70
–60
–50
–40
–30
–20
–10
145
155
165
175
185
195
205
215
INPUT FREQUENCY (MHz)
–96dBFS
–94dBFS
NBW = 5.6kHz
TWO TONES
AT –8dBFS (–10.5dBm)
AT 178.5MHz
AND 183.5MHz
Figure 29. Two-Tone IMD Performance
(f1 = 178.5 MHz, f2 = 183.5 MHz)
INPUT AMPLITUDE (dBFS)
–39
–6
–9
–12
–15
–18
–21
–24
–27
–30
–33
–36
–80
–85
–90
–95
–100
–105
–110
–115
–120
–125
–130
Figure 30. Swept Two-Tone Worst IMD3 vs. Tone Level (dBFS)
(f1 = 178.5 MHz, f2 = 183.5 MHz)
–94
–97
–100
–103
–106
–109
–112
–115
INPUT FREQUENCY (MHz)
125
145
165
185
205
225
245
–1dBFS
–6dBFS
–12dBFS
–18dBFS
Figure 31. Swept Worst Pass Band Spur with CW Swept from 122.88 MHz to
245.76 MHz, over PIN = −1 dBFS, −6 dBFS, −12 dBFS, and −18 dBFS
0
–130
–90
–100
–110
–120
–80
–70
–60
–50
–40
–30
–20
–10
145
155
165
175
185
195
205
215
INPUT FREQUENCY (MHz)
–90dBFS
–92dBFS
NBW = 5.6kHz
TWO TONES AT
–8dBFS (–10.5dBm)
AT 169MHz
AND 193MHz
Figure 32. Two-Tone IMD Performance
(f1 = 169 MHz, f2 = 193 MHz)
FREQUENCY (MHz)
140
150
160
170
180
190
200
210
220
230
–80
–85
–90
–95
–100
–105
–115
–110
–20dBFS
–14dBFS
–8dBFS
Figure 33. Swept Two-Tone Worst IMD3 vs. Frequency over Pass Band (∆f =
5 MHz for Two Tones, PIN = −8 dBFS, −14 dBFS, and −20 dBFS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com