Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676 Datasheet(PDF) 17 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD6676 Datasheet HTML 13Page - Analog Devices AD6676 Datasheet HTML 14Page - Analog Devices AD6676 Datasheet HTML 15Page - Analog Devices AD6676 Datasheet HTML 16Page - Analog Devices AD6676 Datasheet HTML 17Page - Analog Devices AD6676 Datasheet HTML 18Page - Analog Devices AD6676 Datasheet HTML 19Page - Analog Devices AD6676 Datasheet HTML 20Page - Analog Devices AD6676 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 90 page
background image
Data Sheet
AD6676
Rev. D | Page 17 of 90
NOMINAL PERFORMANCE FOR IF = 250 MHz AND BW = 75 MHz
FIF = 250 MHz, BW = 75 MHz, FADC = 3.2 GHz, attenuator = 0 dB, LEXT = 19 nH, maximum PIN_0dBFS setting, fDATA_IQ = 200 MSPS,
nominal supplies, shuffler enabled (every clock cycle), with default threshold settings, unless otherwise noted.
0.25
–0.50
–0.25
0
210
220
230
240
250
260
270
280
290
FREQUENCY (MHz)
Figure 34. IF Pass Band Flatness (Includes Digital Filter)
–150
–151
–152
–153
–154
–155
–156
–157
–158
–159
–160
210
220
230
240
250
260
270
280
290
INPUT FREQUENCY (MHz)
NSD
(–1 dBFS SIGNAL)
NSD
(NO SIGNAL)
Figure 35. NSD With and Without Full-Scale CW at 243 MHz
0
–120
–100
–80
–60
–40
–20
210
220
230
240
250
260
270
280
290
INPUT FREQUENCY (MHz)
–1 dBFS
AT 288MHz
NBW = 9.2kHz
IF PASS BAND REGION
Figure 36. Spectral Plot of IF Pass Band Region with −1 dBFS CW at 288 MHz
5
–30
–25
–20
–15
–10
–5
0
0
100
200
300
400
500
600
700
FREQUENCY (MHz)
Figure 37. Wideband Frequency Response (Before Digital Filter)
–150
–151
–152
–153
–154
–155
–156
–157
–158
–159
–160
–44
–3
–5
–8
–11
–14
–17
–20
–23
–26
–29
–32
–35
–38
–41
INPUT POWER (dBm)
PIN_0dBFS = –2.3dBm
287.5MHz
212.5MHz
250MHz
Figure 38. NSD vs. CW Input Power, CW at 243 MHz
(NSD Measured at 250 MHz as well as 212.5 MHz and 287.5 MHz Band Edges)
–75.0
–75.5
–76.0
–76.5
–77.0
–77.5
–78.0
–78.5
–79.0
–79.5
–80.0
–45
–3
–6
–9
–12
–15
–18
–21
–24
–27
–30
–33
–36
–39
–42
INPUT POWER (dBm)
PIN_0dBFS = –2.3dBm
Figure 39. IBN in the Pass Band Region (BW = 75 MHz) vs. Swept Single Tone
Input Power with CW at 288 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com