Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6679 Datasheet(PDF) 39 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD6679 Datasheet HTML 35Page - Analog Devices AD6679 Datasheet HTML 36Page - Analog Devices AD6679 Datasheet HTML 37Page - Analog Devices AD6679 Datasheet HTML 38Page - Analog Devices AD6679 Datasheet HTML 39Page - Analog Devices AD6679 Datasheet HTML 40Page - Analog Devices AD6679 Datasheet HTML 41Page - Analog Devices AD6679 Datasheet HTML 42Page - Analog Devices AD6679 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
AD6679
Data Sheet
Rev. B | Page 38 of 81
ADC OVERRANGE AND FAST DETECT
In receiver applications, it is desirable to have a mechanism to
reliably determine when the converter is about to be clipped.
The standard overrange bit, available via the STATUS±/OVR±
pins, provides information on the state of the analog input
that is of limited usefulness. Therefore, it is helpful to have a
programmable threshold below full scale that allows time to
reduce the gain before the clip actually occurs. In addition,
because input signals can have significant slew rates, the latency
of this function is of major concern. Highly pipelined converters
can have significant latency. The AD6679 contains fast detect
circuitry for individual channels to monitor the threshold and
assert the FD_A and FD_B pins.
ADC OVERRANGE (OR)
The ADC overrange indicator is asserted when an overrange is
detected on the input of the ADC. The overrange indicator can
be output via the STATUS± pins. The latency of this overrange
indicator matches the sample latency.
The AD6679 constantly monitors the analog input level and
records any overrange condition in any of the eight virtual
converters. For more information on the virtual converters,
refer to Figure 63. The overrange status of each virtual converter
is registered as a sticky bit (that is, it is set until cleared) in
Register 0x563. The contents of Register 0x563 can be cleared
using Register 0x562 by toggling the bits corresponding to the
virtual converter to set and reset the position.
FAST THRESHOLD DETECTION (FD_A AND FD_B)
The fast detect (FD) bit (enabled in the control bits via
Register 0x559) is set whenever the absolute value of the input
signal exceeds the programmable upper threshold level. The FD
bit is cleared only when the absolute value of the input signal
drops below the lower threshold level for greater than the
programmable dwell time. This feature provides hysteresis and
prevents the FD bit from excessively toggling.
The operation of the upper threshold and lower threshold registers,
along with the dwell time registers, is shown in Figure 61.
The FD_x indicator is asserted if the input magnitude exceeds
the value programmed in the fast detect upper threshold
registers, located in Register 0x247 and Register 0x248. The
selected threshold register is compared with the signal
magnitude at the output of the ADC. The fast upper threshold
detection has a latency of 28 clock cycles. The approximate
upper threshold magnitude is defined by
Upper Threshold Magnitude (dBFS) = 20log(Threshold
Magnitude/213)
The FD_x indicators are not cleared until the signal drops
below the lower threshold for the programmed dwell time. The
lower threshold is programmed in the fast detect lower thresh-
old registers, located in Register 0x249 and Register 0x24A. The
fast detect lower threshold register is a 13-bit register that is
compared with the signal magnitude at the output of the ADC.
This comparison is subject to the ADC pipeline latency but is
accurate in terms of converter resolution. The lower threshold
magnitude is defined by
Lower Threshold Magnitude (dBFS) = 20log(Threshold
Magnitude/213)
For example, to set an upper threshold of −6 dBFS, write
0x0FFF to Register 0x247 and Register 0x248; and to set a lower
threshold of −10 dBFS, write 0x0A1D to Register 0x249 and
Register 0x24A.
The dwell time can be programmed from 1 to 65,535 sample
clock cycles by placing the desired value in the fast detect dwell
time registers, located in Register 0x24B and Register 0x24C.
See the Memory Map section (Register 0x245 to Register 0x24C in
Table 41) for more details.
UPPER THRESHOLD
LOWER THRESHOLD
FD_A OR FD_B
DWELL TIME
TIMER RESET BY
RISE ABOVE
LOWER
THRESHOLD
TIMER COMPLETES BEFORE
SIGNAL RISES ABOVE
LOWER THRESHOLD
DWELL TIME
Figure 61. Threshold Settings for FD_A and FD_B Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com