Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6679 Datasheet(PDF) 19 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD6679 Datasheet HTML 15Page - Analog Devices AD6679 Datasheet HTML 16Page - Analog Devices AD6679 Datasheet HTML 17Page - Analog Devices AD6679 Datasheet HTML 18Page - Analog Devices AD6679 Datasheet HTML 19Page - Analog Devices AD6679 Datasheet HTML 20Page - Analog Devices AD6679 Datasheet HTML 21Page - Analog Devices AD6679 Datasheet HTML 22Page - Analog Devices AD6679 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
AD6679
Data Sheet
Rev. B | Page 18 of 81
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Electrical
AVDD1 to AGND
1.32 V
AVDD2 to AGND
2.75 V
AVDD3 to AGND
3.63 V
DVDD to DGND
1.32 V
DRVDD to DRGND
1.32 V
SPIVDD to AGND
3.63 V
AGND to DRGND
−0.3 V to +0.3 V
VIN±x to AGND
3.2 V
SCLK, SDIO, CSB to AGND
−0.3 V to SPIVDD + 0.3 V
PDWN/STBY to AGND
−0.3 V to SPIVDD + 0.3 V
Environmental
Operating Temperature Range
−40°C to +85°C
Maximum Junction Temperature
+125°C
Storage Temperature Range
(Ambient)
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL CHARACTERISTICS
Typical θJA, ΨJB, and ΨJT are specified vs. the number of printed
circuit board (PCB) layers in different airflow velocities (in
m/sec). Airflow increases heat dissipation, effectively reducing
θJA and ΨJB. In addition, metal in direct contact with the package
leads from metal traces, through holes, ground, and power planes
reduces the θJA. Thermal performance for actual applications
requires careful inspection of the conditions in an application.
The use of appropriate thermal management techniques is recom-
mended to ensure that the maximum junction temperature does
not exceed the limits shown in Table 6.
Table 7. Thermal Resistance
PCB Type
Airflow Velocity
(m/sec)
θJA
ΨJT
ΨJB
Unit
JEDEC 2s2p
Board
0.0
27.01, 2
0.71, 3
7.31, 3
°C/W
1
Per JEDEC 51-7, plus JEDEC 51-5 2s2p test board.
2
Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
3
Per JEDEC JESD51-8 (still air).
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com