Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6679 Datasheet(PDF) 69 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 69 Page - Analog Devices

Back Button AD6679 Datasheet HTML 65Page - Analog Devices AD6679 Datasheet HTML 66Page - Analog Devices AD6679 Datasheet HTML 67Page - Analog Devices AD6679 Datasheet HTML 68Page - Analog Devices AD6679 Datasheet HTML 69Page - Analog Devices AD6679 Datasheet HTML 70Page - Analog Devices AD6679 Datasheet HTML 71Page - Analog Devices AD6679 Datasheet HTML 72Page - Analog Devices AD6679 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 82 page
background image
AD6679
Data Sheet
Rev. B | Page 68 of 81
SERIAL PORT INTERFACE (SPI)
The AD6679 SPI allows the user to configure the converter for
specific functions or operations through a structured register
space provided inside the ADC. The SPI gives the user added
flexibility and customization, depending on the application.
Addresses are accessed via the serial port and can be written to
or read from via the serial port. Memory is organized into bytes
that can be further divided into fields. These fields are docu-
mented in the Memory Map section. For detailed operational
information, see the Serial Control Interface Standard.
CONFIGURATION USING THE SPI
Three pins define the SPI of this ADC: the SCLK pin, the SDIO
pin, and the CSB pin (see Table 39). The SCLK (serial clock) pin is
used to synchronize the read and write data presented from/to the
ADC. The SDIO (serial data input/output) pin is a dual-purpose
pin that allows data to be sent to and read from the internal
ADC memory map registers. The CSB (chip select bar) pin is an
active low control that enables or disables the read and write
cycles.
Table 39. Serial Port Interface Pins
Pin
Function
SCLK
Serial clock. The serial shift clock input, which
synchronizes serial interface reads and writes.
SDIO
Serial data input/output. A dual-purpose pin that
typically serves as an input or an output, depending on
the instruction being sent and the relative position in the
timing frame.
CSB
Chip select bar. An active low control that gates the read
and write cycles.
The falling edge of CSB, in conjunction with the rising edge of
SCLK, determines the start of the framing. See Figure 3 and
Table 5 for an example of the serial timing and its definitions.
Other modes involving the CSB pin are available. The CSB pin
can be held low indefinitely, which permanently enables the
device; this is called streaming. The CSB pin can stall high
between bytes to allow additional external timing. When CSB is
tied high, SPI functions are placed in a high impedance mode.
This mode turns on any SPI pin secondary functions.
All data is composed of 8-bit words. The first bit of each
individual byte of serial data indicates whether a read or write
command is issued. This bit allows the SDIO pin to change
direction from an input to an output.
In addition to word length, the instruction phase determines
whether the serial frame is a read or write operation, allowing
the serial port to be used both to program the chip and to read
the contents of the on-chip memory. If the instruction is a readback
operation, performing a readback causes the SDIO pin to change
direction from an input to an output at the appropriate point in
the serial frame.
Data can be sent in MSB first mode or in LSB first mode. MSB
first is the default configuration on power-up and can be
changed via the SPI port configuration register. For more
information about this and other features, see the Serial Control
Interface Standard.
HARDWARE INTERFACE
The pins described in Table 39 compose the physical interface
between the user programming device and the serial port of the
AD6679. The SCLK pin and the CSB pin function as inputs
when using the SPI. The SDIO pin is bidirectional, functioning
as an input during write phases and as an output during
readback.
The SPI is flexible enough to be controlled by either FPGAs or
microcontrollers. One method for SPI configuration is described
in detail in the AN-812 Application Note, Microcontroller-
Based Serial Port Interface (SPI) Boot Circuit.
Do not activate the SPI port during periods when the full
dynamic performance of the converter is required. Because the
SCLK signal, the CSB signal, and the SDIO signal are typically
asynchronous to the ADC clock, noise from these signals can
degrade converter performance. If the on-board SPI bus is used
for other devices, it may be necessary to provide buffers between
this bus and the AD6679 to prevent these signals from
transitioning at the converter inputs during critical sampling
periods.
SPI ACCESSIBLE FEATURES
Table 40 provides a brief description of the general features that
are accessible via the SPI. These features are described in detail
in the Serial Control Interface Standard. The AD6679 device
specific features are described in the Memory Map section.
Table 40. Features Accessible Using the SPI
Feature Name
Description
Mode
Allows the user to set either power-down mode or standby mode
Clock
Allows the user to access the clock divider via the SPI
Test Input/Output
Allows the user to set test modes to have known data on output bits
Output Mode
Allows the user to set up outputs
Serializer/Deserializer (SERDES) Output Setup
Allows the user to vary SERDES settings, including swing and emphasis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com