Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6679 Datasheet(PDF) 31 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD6679 Datasheet HTML 27Page - Analog Devices AD6679 Datasheet HTML 28Page - Analog Devices AD6679 Datasheet HTML 29Page - Analog Devices AD6679 Datasheet HTML 30Page - Analog Devices AD6679 Datasheet HTML 31Page - Analog Devices AD6679 Datasheet HTML 32Page - Analog Devices AD6679 Datasheet HTML 33Page - Analog Devices AD6679 Datasheet HTML 34Page - Analog Devices AD6679 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 82 page
background image
AD6679
Data Sheet
Rev. B | Page 30 of 81
THEORY OF OPERATION
The AD6679 has two analog input channels and 14 LVDS
output lane pairs. The AD6679 is designed to sample wide
bandwidth analog signals of up to 2 GHz. The AD6679 is
optimized for wide input bandwidth, high sampling rates,
excellent linearity, and low power in a small package.
The dual ADC cores feature a multistage, differential pipelined
architecture with integrated output error correction logic. Each
ADC features wide bandwidth inputs supporting a variety of
user-selectable input ranges. An integrated voltage reference
eases design considerations.
The AD6679 has several functions that simplify the AGC
function in a communications receiver. The programmable
threshold detector allows monitoring of the incoming signal
power using the fast detect bits of the ADC output data stream,
which are enabled and programmed via Register 0x245 through
Register 0x24C. If the input signal level exceeds the programmable
threshold, the fast detect indicator goes high. Because this
threshold indicator has low latency, the user can quickly reduce
the system gain to avoid an overrange condition at the ADC input.
The LVDS outputs can be configured depending on the decimation
ratio. Multiple device synchronization is supported through the
SYNC± input pins.
ADC ARCHITECTURE
The architecture consists of an input buffered pipelined ADC.
The input buffer provides a termination impedance to the
analog input signal. This termination impedance can be
changed using the SPI to meet the termination needs of the
driver/amplifier. The default termination value is set to 400 Ω. The
equivalent circuit diagram of the analog input termination is
shown in Figure 33. The input buffer is optimized for high
linearity, low noise, and low power.
The input buffer provides a linear high input impedance (for
ease of drive) and reduces the kickback from the ADC. The
quantized outputs from each stage are combined into a final
16-bit result in the digital correction logic. The pipelined
architecture permits the first stage to operate with a new input
sample while the remaining stages operate with the preceding
samples. Sampling occurs on the rising edge of the clock.
ANALOG INPUT CONSIDERATIONS
The analog input to the AD6679 is a differential buffer. The
internal common-mode voltage of the buffer is 2.05 V. The
clock signal alternately switches the input circuit between
sample mode and hold mode. When the input circuit is switched
into sample mode, the signal source must be capable of charging
the sample capacitors and settling within one-half of a clock cycle.
A small resistor, in series with each input, can help reduce the
peak transient current inserted from the output stage of the
driving source. In addition, low Q inductors or ferrite beads can
be placed on each section of the input to reduce high differen-
tial capacitance at the analog inputs and, thus, achieve the
maximum bandwidth of the ADC. Such use of low Q inductors
or ferrite beads is required when driving the converter front end
at high IF frequencies. Place either a differential capacitor or
two single-ended capacitors on the inputs to provide a matching
passive network. This ultimately creates a low-pass filter (LPF)
at the input, which limits unwanted broadband noise. For more
information, refer to the AN-742 Application Note, the AN-827
Application Note, and the Analog Dialogue article “Transformer-
Coupled Front-End for Wideband A/D Converters” (Volume 39,
April 2005) at www.analog.com. In general, the precise values
depend on the application.
For best dynamic performance, match the source impedances
driving VIN+x and VIN−x such that common-mode settling
errors are symmetrical. These errors are reduced by the common-
mode rejection of the ADC. An internal reference buffer creates
a differential reference that defines the span of the ADC core.
Maximum SNR performance is achieved by setting the ADC to
the largest span in a differential configuration. In the case of the
AD6679, the available span is programmable through the SPI
port from 1.46 V p-p to 2.06 V p-p differential with 2.06 V p-p
differential being the default.
Differential Input Configurations
There are several ways to drive the AD6679, either actively or
passively. However, optimum performance is achieved by
driving the analog input differentially.
For applications in which SNR and SFDR are key parameters,
differential transformer coupling is the recommended input
configuration (see Figure 43 and Figure 44) because the noise
performance of most amplifiers is not adequate to achieve the
true performance of the AD6679.
For low to midrange frequencies, it is recommended to use a
double balun or double transformer network (see Figure 43) for
optimum performance from the AD6679. For higher
frequencies in the second or third Nyquist zone, it is better to
remove some of the front-end passive components to ensure
wideband operation (see Figure 44).
ADC
2pF
10Ω
10Ω
4pF
0.1µF
0.1µF
10Ω
10Ω
4pF
0.1µF
25Ω
25Ω
ETC1-11-13/
MABA007159
1:1Z
Figure 43. Differential Transformer Coupled Configuration for First and
Second Nyquist Frequencies
ADC
25Ω
0.1µF
0.1µF
25Ω
0.1µF
25Ω
25Ω
MARKI
BAL-0006
OR
BAL-0006SMG
Figure 44. Differential Transformer Coupled Configuration for Second and
Third Nyquist Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com