Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6679 Datasheet(PDF) 79 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 79 Page - Analog Devices

Back Button AD6679 Datasheet HTML 74Page - Analog Devices AD6679 Datasheet HTML 75Page - Analog Devices AD6679 Datasheet HTML 76Page - Analog Devices AD6679 Datasheet HTML 77Page - Analog Devices AD6679 Datasheet HTML 78Page - Analog Devices AD6679 Datasheet HTML 79Page - Analog Devices AD6679 Datasheet HTML 80Page - Analog Devices AD6679 Datasheet HTML 81Page - Analog Devices AD6679 Datasheet HTML 82Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 79 / 82 page
background image
AD6679
Data Sheet
Rev. B | Page 78 of 81
Reg.
Addr.
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Notes
0x555
User Pattern 3 LSB
0
0
0
0
0
0
0
0
0x00
Used
with
Reg.
0x550
0x556
User Pattern 3 MSB
0
0
0
0
0
0
0
0
0x00
Used
with
Reg.
0x550
0x557
User Pattern 4 LSB
0
0
0
0
0
0
0
0
0x00
Used
with
Reg.
0x550
0x558
User Pattern 4 MSB
0
0
0
0
0
0
0
0
0x00
Used
with
Reg.
0x550
0x559
Output Mode
Control 1
0
0
0
0
0
Status bit selection
000 = tie low (1’b0)
001 = overrange bit
010 = signal monitor bit
011 = fast detect (FD) bit or VDR
punish bit
100 = VDR high/low resolution bit
101 = system reference
0x00
0x561
Output format
0
0
0
0
0
Sample
invert
0 =
normal
1 =
sample
invert
Data format select
00 = offset binary
01 = twos
complement (default)
0x01
0x562
Output overrange
(OR) clear
Virtual
Con-
verter 7
OR
0 = OR
bit
enabled
1 = OR
bit
cleared
Virtual
Con-
verter 6
OR
0 = OR
bit
enabled
1 = OR
bit
cleared
Virtual
Con-
verter 5
OR
0 = OR
bit
enabled
1 = OR
bit
cleared
Virtual
Converter 4
OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual
Con-
verter 3
OR
0 = OR
bit
enabled
1 = OR
bit
cleared
Virtual
Con-
verter 2
OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual
Con-
verter 1
OR
0 = OR
bit
enabled
1 = OR
bit
cleared
Virtual
Con-
verter 0
OR
0 = OR bit
enabled
1 = OR bit
cleared
0x00
0x563
Output overrange
status
Virtual
Con-
verter 7
OR
0 = no
OR
1 = OR
occurred
Virtual
Con-
verter 6
OR
0 = no
OR
1 = OR
occurred
Virtual
Con-
verter 5
OR
0 = no
OR
1 = OR
occurred
Virtual
Converter 4
OR
0 = no OR
1 = OR
occurred
Virtual
Con-
verter 3
OR
0 = no
OR
1 = OR
occurred
Virtual
Con-
verter 2
OR
0 = no OR
1 = OR
occurred
Virtual
Con-
verter 1
OR
0 = no
OR
1 = OR
occurred
Virtual
Con-
verter 0
OR
0 = no OR
1 = OR
occurred
0x00
Read
only
0x564
Output channel select
0
0
0
0
0
0
0
Converter
channel
swap
0 =
normal
channel
ordering
1 =
channel
swap
enabled
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com