Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6679 Datasheet(PDF) 63 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 63 Page - Analog Devices

Back Button AD6679 Datasheet HTML 59Page - Analog Devices AD6679 Datasheet HTML 60Page - Analog Devices AD6679 Datasheet HTML 61Page - Analog Devices AD6679 Datasheet HTML 62Page - Analog Devices AD6679 Datasheet HTML 63Page - Analog Devices AD6679 Datasheet HTML 64Page - Analog Devices AD6679 Datasheet HTML 65Page - Analog Devices AD6679 Datasheet HTML 66Page - Analog Devices AD6679 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 82 page
background image
AD6679
Data Sheet
Rev. B | Page 62 of 81
DIGITAL OUTPUTS
The AD6679 output drivers are for standard ANSI LVDS, but
optionally the drive current can be reduced using Register 0x56A.
The reduced drive current for the LVDS outputs potentially
reduces the digitally induced noise.
As detailed in the AN-877 Application Note, Interfacing to High
Speed ADCs via SPI, the data format can be selected for offset
binary, twos complement, or gray code when using the SPI control.
The AD6679 has a flexible three-state ability for the digital output
pins. The three-state mode is enabled when the device is set for
power-down mode.
TIMING
The AD6679 provides latched data with a pipeline delay of
33 input sample clock cycles. Data outputs are available one
propagation delay (tPD) after the rising edge of the clock signal.
Minimize the length of the output data lines and the corresponding
loads to reduce transients within the AD6679. These transients
can degrade converter dynamic performance.
The minimum conversion rate of the AD6679 is 300 MSPS. At
clock rates below 300 MSPS, dynamic performance may degrade.
DATA CLOCK OUTPUT
The AD6679 also provides a data clock output (DCO) intended
for capturing the data in an external register. Figure 4 through
Figure 11 show the timing diagrams of the AD6679 output
modes. The DCO relative to the data output can be adjusted using
Register 0x569. There are delay settings with approximately 90°
per step ranging from 0° to 270°. Data is output in a DDR format
and is aligned to the rising and falling edges of the clock derived
from the DCO.
ADC OVERRANGE
The ADC overrange (OR) indicator is asserted when an overrange
is detected on the input of the ADC. The overrange condition is
determined at the output of the ADC pipeline and, therefore, is
subject to a latency of 33 ADC clocks. An overrange at the input is
indicated by the OR bit, 33 clock cycles after it occurs.
Table 35. LVDS Output Configurations1
Parallel Output Mode
No. of Virtual
Converters
Supported
Maximum
Virtual
Converter
Resolution
(Bits)
Output
Line
Rate2, 3
VDR
Supported
NSR
Decimation
Rates
Supported
DDC Decimation
Rates Supported
Outputs Required
Real
Output
Complex
Output
Parallel Interleaved,
One Virtual Converter
(Register 0x568 = 0x0)
1
14
1 × fOUT
Yes
1, 2
1, 2, 4, 8
N/A
DCO±, OVR±, and
D0± to D13±
Parallel Interleaved,
Two Virtual Converters
(Register 0x568 = 0x1)
2
14
2 × fOUT
Yes
1, 2
1, 2, 4, 8
2, 4, 8, 16
DCO±, OVR±, and
D0± to D13±
Channel Multiplexed,
One Virtual Converter
(Register 0x568 = 0x2)
1
14
2 × fOUT
Yes
1, 2
1, 2, 4, 8
N/A
DCO±, OVR±,
A Dx/Dy±
Channel Multiplexed,
Two Virtual Converters
(Register 0x568 = 0x3)
2
14
2 × fOUT
Yes
1, 2
1, 2, 4, 8
2, 4, 8, 16
DCO±, OVR±, A Dx/
Dy±, and B Dx/Dy±
Byte Mode, One Virtual
Converter
(Register 0x568 = 0x4)
1
16
2 × fOUT
No
1, 2
1, 2, 4, 8
N/A
DCO±, STATUS±, and
DATA0± to DATA7±
Byte Mode, Two Virtual
Converters
(Register 0x568 = 0x5)
2
16
4 × fOUT
No
2
2, 4, 8
2, 4, 8, 16
DCO±, STATUS±, and
DATA0± to DATA7±
Byte Mode, Four Virtual
Converters
(Register 0x568 = 0x6)
4
16
8 × fOUT
No
N/A
24, 4, 8
24, 4, 8, 16
DCO±, STATUS±, and
DATA0± to DATA7±
Byte Mode, Eight Virtual
Converters
(Register 0x568 = 0x7)
8
16
16 × fOUT
No
N/A
N/A
44, 8, 16
DCO±, STATUS±, and
DATA0± to DATA7±
1
N/A means not applicable.
2
fOUT = ADC Sample Rate ÷ chip decimation ratio, where fOUT is the output sample rate.
3
Maximum output line rate is 1000 Mbps.
4
fOUT ≤ 125 MSPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com