Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6679 Datasheet(PDF) 33 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD6679 Datasheet HTML 29Page - Analog Devices AD6679 Datasheet HTML 30Page - Analog Devices AD6679 Datasheet HTML 31Page - Analog Devices AD6679 Datasheet HTML 32Page - Analog Devices AD6679 Datasheet HTML 33Page - Analog Devices AD6679 Datasheet HTML 34Page - Analog Devices AD6679 Datasheet HTML 35Page - Analog Devices AD6679 Datasheet HTML 36Page - Analog Devices AD6679 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
AD6679
Data Sheet
Rev. B | Page 32 of 81
65
70
75
80
85
90
500
550
600
650
700
750
800
850
900
950
1000
INPUT FREQUENCY (MHz)
4.5×
5.0×
6.0×
7.0×
8.0×
Figure 48. Buffer Current Sweeps (SFDR vs. Input Frequency and IBUFF);
500 MHz < fIN < 1000 MHz; Front-End Network Shown in Figure 44
45
50
55
60
65
70
75
80
1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000
INPUT FREQUENCY (MHz)
4.5×
5.0×
6.0×
7.0×
8.0×
8.0×
Figure 49. Buffer Current Sweeps (SFDR vs. Input Frequency and IBUFF);
1 GHz < fIN < 2 GHz; Front-End Network Shown in Figure 44
Absolute Maximum Input Swing
The absolute maximum input swing allowed at the inputs of the
AD6679 is 4.3 V p-p differential. Signals operating near or at
this level can cause permanent damage to the ADC.
VOLTAGE REFERENCE
A stable and accurate 1.0 V voltage reference is built into the
AD6679. This internal 1.0 V reference sets the full-scale input
range of the ADC. The full-scale input range can be adjusted via
Register 0x025. For more information on adjusting the input
swing, see Table 41. Figure 50 shows the block diagram of the
internal 1.0 V reference controls.
ADC
CORE
FULL-SCALE
VOLTAGE
ADJUST
V_1P0 PIN
CONTROL SPI
REGISTER
(REG 0x025 AND
REG 0x024)
V_1P0
VIN–A/
VIN–B
VIN+A/
VIN+B
INTERNAL
V_1P0
GENERATOR
INPUT FULL-SCALE
RANGE ADJUST
SPI REGISTER
(REG 0x025 AND REG 0x024)
Figure 50. Internal Reference Configuration and Controls
Table 11. SFDR Optimization for Input Frequencies
Frequency
Buffer
Control 1
(Register
0x018)
Buffer
Control 2
(Register
0x019)
Buffer
Control 3
(Register
0x01A)
Buffer
Control 4
(Register
0x11A)
Buffer
Control 5
(Register
0x935)
Input Full-
Scale
Range
(Register
0x025)
Input Full-
Scale
Control
(Register
0x030)
Input
Capacitance
(Register
0x934)
Input
Termination
(Register
0x016)1
DC to 250 MHz
0x20
(2.0×)
0x60
(Setting 3)
0x0A
(Setting 3)
0x00 (off)
0x04 (on)
0x0C
(2.06 V p-p)
0x04
0x1F
0x0C/0x1C/0x6C
250 MHz to
500 MHz
0x70
(4.5×)
0x60
(Setting 3)
0x0A
(Setting 3)
0x00 (off)
0x04 (on)
0x0C
(2.06 V p-p)
0x04
0x1F
0x0C/0x1C/0x6C
500 MHz to
1 GHz
0x80
(5.0×)
0x40
(Setting 1)
0x08
(Setting 1)
0x00 (off)
0x00 (off)
0x08
(1.46 V p-p)
0x18
0x1F/0x002
0x0C/0x1C/0x6C
1 GHz to 2 GHz
0xF0
(8.5×)
0x40
(Setting 1)
0x08
(Setting 1)
0x00 (off)
0x00 (off)
0x08
(1.46 V p-p)
0x18
0x1F/0x002
0x0C/0x1C/0x6C
1
The input termination can be changed to accommodate the application with little or no impact to ac performance.
2
The input capacitance can be set to 1.5 pF to achieve wider input bandwidth but doing so results in slightly lower ac performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com