Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6679 Datasheet(PDF) 74 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 74 Page - Analog Devices

Back Button AD6679 Datasheet HTML 70Page - Analog Devices AD6679 Datasheet HTML 71Page - Analog Devices AD6679 Datasheet HTML 72Page - Analog Devices AD6679 Datasheet HTML 73Page - Analog Devices AD6679 Datasheet HTML 74Page - Analog Devices AD6679 Datasheet HTML 75Page - Analog Devices AD6679 Datasheet HTML 76Page - Analog Devices AD6679 Datasheet HTML 77Page - Analog Devices AD6679 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 82 page
background image
Data Sheet
AD6679
Rev. B | Page 73 of 81
Reg.
Addr.
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Notes
0x128
SYNC± Status 1
SYNC± hold status
See Table 37
SYNC± setup status
See Table 37
Read
only
0x129
SYNC± and clock
divider status
0
0
0
0
Clock divider phase when SYNC± is captured
0000 = in phase
0001 = SYNC ± is ½ cycle delayed from clock
0010 = SYNC ± is 1 cycle delayed from clock
0011 = 1½ input clock cycles delayed
0100 = 2 input clock cycles delayed
0101 = 2½ input clock cycles delayed
…
1111 = 7½ input clock cycles delayed
Read
only
0x12A
SYNC± counter
SYNC± counter, Bits[7:0] increment when a SYNC± signal is captured
Read
only
0x200
Chip application
mode
0
0
Chip Q
ignore
0 =
normal
(I/Q)
1 =
ignore
(I only)
0
Chip operating mode
0001 = DDC 0 on
0010 = DDC 0 and DDC 1 on
0011 = DDC 0, DDC 1, DDC 2, and DDC 3 on
0111 = NSR enabled (default)
1000 = VDR enabled
0x07
0x201
Chip decimation ratio
0
0
0
0
0
Chip decimation ratio select
000 = decimate by 1
001 = decimate by 2
010 = decimate by 4
011 = decimate by 8
100 = decimate by 16
0x00
0x228
Customer offset
Offset adjust in LSBs from +127 to −128 (twos complement format)
0x00
0x245
Fast detect (FD)
control (local)
0
0
0
0
Force
FD_A/
FD_B
pins
0 =
normal
func-
tion
1 =
force to
value
Force
value of
FD_A/
FD_B
pins; if
force pins
is true,
this value
is output
on FD_x
pins
0
Enable
fast
detect
output
0x00
0x247
FD upper threshold
LSB (local)
Fast Detect Upper Threshold[7:0]
0x00
0x248
FD upper threshold
MSB (local)
0
0
0
Fast Detect Upper Threshold[12:8]
0x00
0x249
FD lower threshold
LSB (local)
Fast Detect Lower Threshold[7:0]
0x00
0x24A
FD lower threshold
MSB (local)
0
0
0
Fast Detect Lower Threshold[12:8]
0x00
0x24B
FD dwell time LSB
(local)
Fast Detect Dwell Time[7:0]
0x00
0x24C
FD dwell time MSB
(local)
Fast Detect Dwell Time[15:8]
0x00
0x26F
Signal monitor
synchronization
control
0
0
0
0
0
0
Synchronization
mode
00 = disabled
01 = continuous
11 = one-shot
0x00
See the
Signal
Monitor
section
0x270
Signal monitor
control (local)
0
0
0
0
0
0
Peak
detector
0 =
disabled
1 =
enabled
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com