Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6679 Datasheet(PDF) 52 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD6679 Datasheet HTML 48Page - Analog Devices AD6679 Datasheet HTML 49Page - Analog Devices AD6679 Datasheet HTML 50Page - Analog Devices AD6679 Datasheet HTML 51Page - Analog Devices AD6679 Datasheet HTML 52Page - Analog Devices AD6679 Datasheet HTML 53Page - Analog Devices AD6679 Datasheet HTML 54Page - Analog Devices AD6679 Datasheet HTML 55Page - Analog Devices AD6679 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
Data Sheet
AD6679
Rev. B | Page 51 of 81
0
–120
–100
–80
–60
–40
–20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
NORMALIZED FREQUENCY (× π RAD/SAMPLE)
Figure 70. HB1 Filter Response
DDC GAIN STAGE
Each DDC contains an independently controlled gain stage.
The gain is selectable as either 0 dB or 6 dB. When mixing a real
input signal down to baseband, it is recommended that the user
enable the 6 dB of gain to recenter the dynamic range of the
signal within the full scale of the output bits.
When mixing a complex input signal down to baseband, the
mixer has already recentered the dynamic range of the signal
within the full scale of the output bits, and no additional gain is
necessary. However, the optional 6 dB gain compensates for low
signal strengths. The downsample by 2 portion of the HB1 FIR
filter is bypassed when using the complex to real conversion stage.
DDC COMPLEX TO REAL CONVERSION
Each DDC contains an independently controlled complex to
real conversion block. The complex to real conversion block
reuses the last filter (HB1 FIR) in the filtering stage along with
an fS/4 complex mixer to upconvert the signal. After upconvert-
ing the signal, the Q portion of the complex mixer is no longer
needed and is dropped.
Figure 71 shows a simplified block diagram of the complex to
real conversion.
LOW-PASS
FILTER
2
I
Q
REAL
HB1 FIR
LOW-PASS
FILTER
2
HB1 FIR
0
1
COMPLEX TO
REAL ENABLE
Q
90°
0°
+
–
COMPLEX TO REAL CONVERSION
I
Q
I
Q
GAIN STAGE
cos(wt)
sin(wt)
fS/4
I/REAL
0dB
OR
6dB
0dB
OR
6dB
0dB
OR
6dB
0dB
OR
6dB
Figure 71. Complex to Real Conversion Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com