Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8021
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 5 Page - Analog Devices

  AD8021 Datasheet HTML 1Page - Analog Devices AD8021 Datasheet HTML 2Page - Analog Devices AD8021 Datasheet HTML 3Page - Analog Devices AD8021 Datasheet HTML 4Page - Analog Devices AD8021 Datasheet HTML 5Page - Analog Devices AD8021 Datasheet HTML 6Page - Analog Devices AD8021 Datasheet HTML 7Page - Analog Devices AD8021 Datasheet HTML 8Page - Analog Devices AD8021 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. D
AD8021
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD8021 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26.4 V
Power Dissipation . . . . . . . . Observed Power Derating Curves
Input Voltage (Common-Mode) . . . . . . . . . . . . . . .
±VS ± 1 V
Differential Input Voltage
2 . . . . . . . . . . . . . . . . . . . . . .
±0.8 V
Differential Input Current . . . . . . . . . . . . . . . . . . . . .
±10 mA
Output Short-Circuit Duration
. . . . . . . . . . . . . . . . . . . . . .Observed Power Derating Curves
Storage Temperature . . . . . . . . . . . . . . . . . . –65
∞C to +125∞C
Operating Temperature Range . . . . . . . . . . . –40
∞C to +85∞C
Lead Temperature Range (Soldering, 10 sec) . . . . . . . . 300
∞C
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2 The AD8021 inputs are protected by diodes. Current-limiting resistors are not
used in order to preserve the low noise. If a differential input exceeds
±0.8 V, the
input current should be limited to
±10 mA.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the AD8021
is limited by the associated rise in junction temperature. The maxi-
mum safe junction temperature for plastic encapsulated devices
is determined by the glass transition temperature of the plastic,
approximately 150
∞C. Temporarily exceeding this limit may cause
a shift in parametric performance due to a change in the stresses
exerted on the die by the package. Exceeding a junction tempera-
ture of 175
∞C for an extended period can result in device failure.
While the AD8021 is internally short-circuit protected, this may
not be sufficient to guarantee that the maximum junction tem-
perature (150
∞C) is not exceeded under all conditions. To ensure
proper operation, it is necessary to observe the maximum power
derating curves.
PIN CONFIGURATION
8
7
6
5
1
2
3
4
LOGIC
REFERENCE
–IN
+IN
–VS
DISABLE
+VS
VOUT
CCOMP
AD8021
AMBIENT TEMPERATURE ( C)
2.0
1.5
1.0
0.5
0.01
–55 –45 –35 –25 –15 –5 5 15 25 35 45
55
65 75
85
8-LEAD SOIC
8-LEAD MSOP
Figure 2. Maximum Power Dissipation vs. Temperature*
*Specification is for device in free air:
8-Lead SOIC: JA = 125
∞C/W
8-Lead MSOP: JA = 145
∞C/W
PIN FUNCTION DESCRIPTIONS
Pin No. Mnemonic
Function
1
LOGIC REFERENCE Reference for Pin 8
* Voltage
Level. Connect to logic low
supply.
2
–IN
Inverting Input
3
+IN
Noninverting Input
4–VS
Negative Supply Voltage
5CCOMP
Compensation Capacitor. Tie
to –VS. (See the Applications
section for value.)
6VOUT
Output
7+VS
Positive Supply Voltage
8
DISABLE
Disable, Active Low
*
*When Pin 8 (DISABLE) is about 2 V or more higher than Pin 1 (LOGIC
REFERENCE), the part is enabled. When Pin 8 is brought down to within about
1.5 V of Pin 1, the part is disabled. (See the Specification tables for exact disable and
enable voltage levels.) If the disable feature is not going to be used, Pin 8 can be tied
to +VS or a logic high source, and Pin 1 can be tied to ground or logic low. Alterna-
tively, if Pin 1 and Pin 8 are not connected, the part will be in an enabled state.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Outline
Branding
AD8021AR
–40
∞C to +85∞C
8-Lead SOIC
R-8
AD8021AR-REEL
–40
∞C to +85∞C
8-Lead SOIC
R-8
AD8021AR-REEL7
–40
∞C to +85∞C
8-Lead SOIC
R-8
AD8021ARM
–40
∞C to +85∞C
8-Lead MSOP
RM-8
HNA
AD8021ARM-REEL
–40
∞C to +85∞C
8-Lead MSOP
RM-8
HNA
AD8021ARM-REEL7
–40
∞C to +85∞C
8-Lead MSOP
RM-8
HNA
AD8021ARZ
*
–40
∞C to +85∞C
8-Lead SOIC
R-8
AD8021ARZ-REEL
*
–40
∞C to +85∞C
8-Lead SOIC
R-8
AD8021ARZ-REEL7
*
–40
∞C to +85∞C
8-Lead SOIC
R-8
*Z = Lead Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com