Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8021
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8021 Datasheet HTML 3Page - Analog Devices AD8021 Datasheet HTML 4Page - Analog Devices AD8021 Datasheet HTML 5Page - Analog Devices AD8021 Datasheet HTML 6Page - Analog Devices AD8021 Datasheet HTML 7Page - Analog Devices AD8021 Datasheet HTML 8Page - Analog Devices AD8021 Datasheet HTML 9Page - Analog Devices AD8021 Datasheet HTML 10Page - Analog Devices AD8021 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. D
AD8021
–7–
FREQUENCY – Hz
0.1M
1G
1M
10M
100M
9
8
7
6
5
4
3
2
1
0
G = 2
RL = 100
1k
10
TPC 7. Large Signal Frequency Response vs.
Frequency and Load, Noninverting. See Test
Circuit 2.
FREQUENCY – Hz
1G
1M
10M
100M
9
8
7
6
5
4
3
2
1
0
G = 2
+85 C
VOUT =
50mV p-p
–40 C
+25 C
+85 C
–40 C
+25 C
–1
VOUT =
2V p-p
TPC 8. Frequency Response vs. Frequency,
Temperature and VOUT, Noninverting.
See Test Circuit 1.
FREQUENCY – Hz
1G
1M
10M
100M
15
12
9
6
3
0
–3
–6
–9
–12
G = 2
18
50pF
30pF
20pF
10pF
0pF
TPC 9. Small Signal Frequency Response vs.
Frequency and Capacitive Load, Noninverting,
VOUT = 50 mV p-p. See Test Circuit 2 and Figure 16.
FREQUENCY – Hz
1G
0.1M
10M
100M
9
8
7
6
5
4
3
2
1
0
G = 2
RF = RG
10
RF = 1k
RF = 499
RF = 250
RF = 150
RF = 75
RF = 1k AND CF = 2.2pF
1M
TPC 10. Small Signal Frequency Response vs.
Frequency and RF, Noninverting, VOUT = 50 mV p-p.
See Test Circuit 1.
FREQUENCY – Hz
0.1M
1G
1M
10M
100M
12
9
6
3
0
–3
–6
–9
–12
–15
G = 2
RS = 49.9
15
RS = 100
RS = 249
TPC 11. Small Signal Frequency Response vs.
Frequency and RS, Noninverting, VOUT = 50 mV p-p.
See Test Circuit 1.
FREQUENCY – Hz
100k
1G
1M
10M
100M
100
90
80
70
60
50
40
30
20
10
0
90
45
0
–45
–90
–135
135
180
10k
TPC 12. Open-Loop Gain and Phase vs.
Frequency, RG =100
Ω, RF = 1 kΩ, RO = 976 Ω,
RD = 53.6
Ω, CC = 0 pF. See Test Circuit 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com