Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8021
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8021 Datasheet HTML 7Page - Analog Devices AD8021 Datasheet HTML 8Page - Analog Devices AD8021 Datasheet HTML 9Page - Analog Devices AD8021 Datasheet HTML 10Page - Analog Devices AD8021 Datasheet HTML 11Page - Analog Devices AD8021 Datasheet HTML 12Page - Analog Devices AD8021 Datasheet HTML 13Page - Analog Devices AD8021 Datasheet HTML 14Page - Analog Devices AD8021 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. D
AD8021
–11–
TIME –
s
432
12
20
28
–100
08
16
24
–80
–60
–40
–20
0
20
40
60
80
100
t1
5V
0V
PULSEWIDTH = 300 s
PULSEWIDTH = 120ns
TPC 31. Long-Term Settling, 0 V to 5 V, VS =
±12 V, G = +13
G =
1
50
40
30
20
10
–10
–20
–30
–40
–50
040
80
120
160
200
TIME – ns
TPC 32. Small Signal Transient Response,
VO = 50 mV p-p. G = +1. See Test Circuit 1.
10M
FREQUENCY – Hz
100
10
1
10
100
1k
10k
100k
1M
2.1nV/ Hz
TPC 33. Input Voltage Noise vs. Frequency
FREQUENCY – Hz
100
10M
1k
10k
100k
100
1
10
10
1M
TPC 34. Input Current Noise vs. Frequency
TEMPERATURE – C
–25
100
25
50
75
0.48
0.24
–50
0
0.44
0.40
0.36
0.32
0.28
TPC 35. VOS vs. Temperature
TEMPERATURE – C
–25
100
25
50
75
8.4
6.0
–50
0
8.0
7.6
7.2
6.8
6.4
TPC 36. Input Bias Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com