Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8021
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8021 Datasheet HTML 4Page - Analog Devices AD8021 Datasheet HTML 5Page - Analog Devices AD8021 Datasheet HTML 6Page - Analog Devices AD8021 Datasheet HTML 7Page - Analog Devices AD8021 Datasheet HTML 8Page - Analog Devices AD8021 Datasheet HTML 9Page - Analog Devices AD8021 Datasheet HTML 10Page - Analog Devices AD8021 Datasheet HTML 11Page - Analog Devices AD8021 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. D
–8–
AD8021
FREQUENCY – Hz
1M
10M
100M
6.2
6.0
5.8
5.6
5.4
G = 2
6.4
VS = 2.5V
5V
12V
TPC 13. 0.1 dB Flatness vs. Frequency and
Supply, VOUT = 1 V p-p, RL = 150
Ω, Noninverting.
See Test Circuit 2.
FREQUENCY – Hz
0.1M
1M
–40
–60
–90
–110
–130
–20
–30
–50
–70
–80
–100
–120
10M
RL = 100
RL = 1k
THIRD
20M
SECOND
TPC 14. Second and Third Harmonic Distortion
vs. Frequency and RL
FREQUENCY – Hz
100k
1M
20M
–40
–60
–90
–110
–130
–30
–50
–70
–80
–100
–120
10M
VS = 2.5V
VS = 12V
VS = 5V
THIRD
SECOND
SECOND
SECOND
THIRD
TPC 15. Second and Third Harmonic Distortion
vs. Frequency and VS
FREQUENCY – MHz
9.5
10.5
–40
–60
–90
–110
–30
–50
–70
–80
–100
–120
–20
9.7
10.3
f = 0.2MHz
f
1
f
2
976
53.6
50
POUT
10.0
TPC 16. Intermodulation Distortion vs. Frequency
FREQUENCY – MHz
0
10
20
45
30
25
40
35
20
50
515
VS = 5V
VS = 2.5V
TPC 17. Third-Order Intercept vs. Frequency and
Supply Voltage
VOUT – V p-p
1
35
–60
–90
–100
–70
–80
–120
–50
246
–110
RL = 1k
RL = 100
THIRD
SECOND
SECOND
THIRD
TPC 18. Second and Third Harmonic Distortion
vs. VOUT and RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com