Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8021
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8021 Datasheet HTML 2Page - Analog Devices AD8021 Datasheet HTML 3Page - Analog Devices AD8021 Datasheet HTML 4Page - Analog Devices AD8021 Datasheet HTML 5Page - Analog Devices AD8021 Datasheet HTML 6Page - Analog Devices AD8021 Datasheet HTML 7Page - Analog Devices AD8021 Datasheet HTML 8Page - Analog Devices AD8021 Datasheet HTML 9Page - Analog Devices AD8021 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. D
–6–
AD8021–Typical Performance Characteristics
(TA = 25 C, VS =
5 V, RL = 1 k , G = +2, RF = RG = 499
, RS = 49.9
, RO = 976
, RD = 53.6
, CC = 7 pF, CL = 0, CF = 0, VOUT = 2 V p-p,
Freq = 1 MHz, unless otherwise noted.)
FREQUENCY – Hz
0.1M
1G
1M
10M
100M
24
21
–6
18
15
12
9
6
3
0
–3
G = 1, RF = 75 , CC = 10pF
G = 5, RF = 1k , RG = 249 , CC = 2pF
G = 10, RF = 1k , RG = 110 , CC = 0pF
G = 2, RF = RG = 499 , CC = 7pF
TPC 1. Small Signal Frequency Response vs.
Frequency and Gain, VOUT = 50 mV p-p,
Noninverting. See Test Circuit 1.
FREQUENCY – Hz
0.1M
1G
1M
10M
100M
24
21
–6
18
15
12
9
6
3
0
–3
G = –5, RF = 1k , RG = 200 ,
RIN = 66.5 , CC = 1.5pF
G = –2, RF = 499 , RG = 249 ,
RIN = 63.4 , CC = 4pF
G = –1, RF = 499 , RG = 499 ,
RIN = 56.2 , CC = 7pF
G = –10, RF = 1k , RG = 100 ,
RIN = 100 , CC = 0pF
TPC 2. Small Signal Frequency Response
vs. Frequency and Gain, VOUT = 50 mV p-p,
Inverting. See Test Circuit 1.
FREQUENCY – Hz
0.1M
1G
1M
10M
100M
9
8
–1
7
6
5
4
3
2
1
0
G = 2
CC = 5pF
7pF
7pF
9pF
9pF
TPC 3. Small Signal Frequency Response vs.
Frequency and Compensation Capacitor,
VOUT = 50 mV p-p. See Test Circuit 1.
FREQUENCY – Hz
1G
1M
10M
100M
9
8
–1
7
6
5
4
3
2
1
0
G = 2
VS = 2.5V
5V
VS = 2.5V
12V
TPC 4. Small Signal Frequency Response vs.
Frequency and Supply, VOUT = 50 mV p-p,
Noninverting. See Test Circuit 1.
FREQUENCY – Hz
1G
1M
10M
100M
3
2
–7
1
0
–1
–2
–3
–4
–5
–6
G = –1
VS = 2.5V
5V
VS = 2.5V
VS = 12V
TPC 5. Small Signal Frequency Response vs.
Frequency and Supply, VOUT = 50 mV p-p,
Inverting. See Test Circuit 3.
FREQUENCY – Hz
1G
1M
10M
100M
9
8
–1
7
6
5
4
3
2
1
0
G = 2
VOUT = 0.1V AND 50mV p-p
VOUT = 4V p-p
1V p-p
TPC 6. Frequency Response vs. Frequency
and VOUT, Noninverting. See Test Circuit 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com