Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8021
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8021 Datasheet HTML 6Page - Analog Devices AD8021 Datasheet HTML 7Page - Analog Devices AD8021 Datasheet HTML 8Page - Analog Devices AD8021 Datasheet HTML 9Page - Analog Devices AD8021 Datasheet HTML 10Page - Analog Devices AD8021 Datasheet HTML 11Page - Analog Devices AD8021 Datasheet HTML 12Page - Analog Devices AD8021 Datasheet HTML 13Page - Analog Devices AD8021 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. D
–10–
AD8021
VO = 4V p-p
G = 2
RL = 1k
RL = 150
2.0
1.0
–1.0
–2.0
040
80
120
160
200
TIME – ns
TPC 25. Large Signal Transient Response vs. RL.
See Test Circuit 2, Noninverting.
VO = 4V p-p
G = –1
VOUT
VIN
5
4
3
2
1
–1
–2
–3
–4
–5
050
100
150
200
250
TIME – ns
TPC 26. Large Signal Transient Response.
See Test Circuit 3, Inverting.
2.0
1.0
–1.0
–2.0
VO = 4V p-p
CL = 50pF
G = 2
CL = 10pF, 0pF
040
80
120
160
200
TIME – ns
TPC 27. Large Signal Transient Response vs. CL.
See Test Circuit 1.
VO = 2V p-p
G = 2
VS = 5V
VS = 2.5V
2.0
1.0
–1.0
–2.0
040
80
120
160
200
TIME – ns
TPC 28. Large Signal Transient Response vs. VS.
See Test Circuit 1.
VIN = 3V
G = +2
VOUT, RL = 1k
VIN = 1V/DIV
VOUT = 2V/DIV
VIN
RL = 150
0
100
200
300
400
500
TIME – ns
TPC 29. Overdrive Recovery vs. RL. See Test Circuit 2.
25ns
–0.01%
+0.01%
HOR = 5ns/DIV
VERT = 0.2mV/DIV
G = 2
TPC 30. 0.01% Settling Time, 2 V Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com