Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8021
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8021 Datasheet HTML 11Page - Analog Devices AD8021 Datasheet HTML 12Page - Analog Devices AD8021 Datasheet HTML 13Page - Analog Devices AD8021 Datasheet HTML 14Page - Analog Devices AD8021 Datasheet HTML 15Page - Analog Devices AD8021 Datasheet HTML 16Page - Analog Devices AD8021 Datasheet HTML 17Page - Analog Devices AD8021 Datasheet HTML 18Page - Analog Devices AD8021 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
REV. D
AD8021
–15–
Table I. Recommended Component Values. See Test Circuit 2. CF = CL = 0, RL = 1 k , RIN = 49.9
Noise Gain
Slew
–3 dB
Output Noise
Output Noise
(Noninverting
RS
RF
RG
CCOMP
Rate
SS BW
(AD8021 Only)
(AD8021 with Resistors)
Gain)
( )( )( )
(pF)
(V/ s)
(MHz)
(nV/
√Hz)
(nV/
√Hz)
1
75
75
NA
10
120
490
2.1
2.8
2
49.9
499
499
7
150
205
4.3
8.2
5
49.9
1 k
249
2
300
185
10.7
15.5
10
49.9
1 k
110
0
420
150
21.2
27.9
20
49.9
1 k
52.3
0
200
42
42.2
52.7
100
49.9
1 k
10
0
34
6
211.1
264.1
APPLICATIONS
The typical voltage feedback op amp is frequency stabilized with
a fixed internal capacitor, CINTERNAL, using dominant pole compen-
sation. To a first-order approximation, voltage feedback op amps
have a fixed gain bandwidth product. For example, if its –3 dB
bandwidth for G = +1 is 200 MHz, at a gain of G = +10 its
bandwidth will be only about 20 MHz. The AD8021 is a voltage
feedback op amp with a minimal CINTERNAL of about 1.5 pF. By
adding an external compensation capacitor, CC, the user can
circumvent the fixed gain bandwidth limitation of other voltage
feedback op amps.
Unlike the typical op amp with fixed compensation, the AD8021
allows the user to
1.
Maximize the amplifier bandwidth for closed-loop gains
between 1 and 10, avoiding the usual loss of bandwidth
and slew rate.
2.
Optimize the trade-off between bandwidth and phase
margin for a particular application.
3.
Match bandwidth in gain blocks with different noise gains,
such as when designing differential amplifiers (as shown in
Figure 10).
FREQUENCY – Hz
1M
100M
110
10k
10M
100
80
60
40
30
10
100k
90
70
50
20
CC = 10pF
1k
1G
10G
0
–10
180
135
45
90
0
CC = 0pF (B)
(C)
(A)
(A)
(B)
(C)
86
Figure 3. Simplified Diagram of Open-Loop Gain
and Phase Response
Figure 3 is the AD8021 gain and phase plot that has been sim-
plified for instructional purposes. If the desired closed-loop gain
is G = +1 and CC = 10 pF is chosen, Arrow A of the figure
shows that the bandwidth is about 200 MHz and the phase
margin is about 60
°. If the gain is changed to G = +10 and CC
is fixed at 10 pF, then (as expected for a typical op amp) the
bandwidth is degraded to about 20 MHz and the phase margin
increases to 90
° (Arrow B). However, by reducing C
C to zero,
the bandwidth and phase margin return to about 200 MHz and
60
° (Arrow C), respectively. In addition, the slew rate is dra-
matically increased, as it roughly varies with the inverse of CC.
123456789
10
11
1
2
3
4
5
6
7
8
9
10
0
NOISE GAIN – V/V
Figure 4. Suggested Compensation Capacitance
vs. Gain for Maintaining 1 dB Peaking
Table I and Figure 4 provide recommended values of compensa-
tion capacitance at various gains and the corresponding slew rate,
bandwidth, and noise. Note that the value of the compensation
capacitor depends on the circuit noise gain, not the voltage gain.
As shown in Figure 5, the noise gain, GN, of an op amp gain block
is equal to its noninverting voltage gain, regardless of whether
it is actually used for inverting or noninverting gain. Thus,
Noninverting G
R
R
Inverting G
R
R
NF
G
NF
G
=+
=+
/
/
1
1
AD8021
CCOMP
3
2
–VS
5
6
RF
800
RG
200
+
–
G = GN = 5
AD8021
CCOMP
2
3
–VS
5
6
–
+
G = –4
GN = 5
RF
800
RG
200
RS
NONINVERTING
INVERTING
1
Figure 5. The Noise Gain of Both Is 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com