Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8021
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8021 Datasheet HTML 12Page - Analog Devices AD8021 Datasheet HTML 13Page - Analog Devices AD8021 Datasheet HTML 14Page - Analog Devices AD8021 Datasheet HTML 15Page - Analog Devices AD8021 Datasheet HTML 16Page - Analog Devices AD8021 Datasheet HTML 17Page - Analog Devices AD8021 Datasheet HTML 18Page - Analog Devices AD8021 Datasheet HTML 19Page - Analog Devices AD8021 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
REV. D
–18–
AD8021
Figure 10 illustrates an inverter-follower driver circuit operating
at a gain of 2, using individually compensated AD8021s. The
values of feedback and load resistors were selected to provide a
total load of less than 1 k
Ω, and the equivalent resistances seen
at each op amp’s inputs were matched to minimize offset volt-
age and drift. Figure 12 is a plot of the resulting ac responses of
driver halves.
AD8021
+
–
3
2
6
7pF
249
499
G = +2
499
49.9
1k
VOUT1
5
–VS
AD8021
+
–
3
2
6
5pF
232
G = –2
664
1k
VOUT2
5
–VS
332
VIN
Figure 10. Differential Amplifier
G = –2
G = +2
FREQUENCY – Hz
100k
1M
10M
100M
1G
12
9
6
3
0
–3
–6
–9
–12
–15
–18
Figure 11. AC Response of Two Identically
Compensated High Speed Op Amps Configured
for Gains of +2 and –2
G =
2
100k
1M
10M
100M
1G
FREQUENCY – Hz
12
9
6
3
0
–3
–6
–9
–12
–15
–18
Figure12. AC Response of Two Dissimilarly
Compensated AD8021 Op Amps (Figure 11) Configured
for Gains of +2 and –2. Note the Close Gain Match.
USING THE AD8021 IN ACTIVE FILTERS
The low noise and high gain bandwidth of the AD8021 make it an
excellent choice in active filter circuits. Most active filter litera-
ture provides resistor and capacitor values for various filters but
neglects the effect of the op amp’s finite bandwidth on filter
performance; ideal filter response with infinite loop gain is implied.
Unfortunately, real filters do not behave in this manner. Instead,
they exhibit finite limits of attenuation, depending on the gain
bandwidth of the active device. Good low-pass filter performance
requires an op amp with high gain bandwidth for attenuation at
high frequencies, and low noise and high dc gain for low frequency,
pass-band performance.
Figure 13 shows the schematic of a 2-pole, low-pass active filter,
and Table IV lists typical component values for filters having a
Bessel-type response with gains of 2 and 5. Figure 14 is a network
analyzer plot of this filter’s performance.
CC
C2
AD8021
3
2
RF
6
VOUT
RG
+VS
R2
R1
VIN
5
–VS
C1
Figure 13. Schematic of a Second-Order Low-Pass
Active Filter
Table IV. Typical Component Values for Second-Order
Low-Pass Filter of Figure 13
Gain
R1 ( )R2 ( )RF ( )RS ( )C1
C2CC
271.5
215
499
499
10 nF
10 nF
7 pF
544.2
365
90.9
365
10 nF
10 nF
2 pF
1k
10k
100k
1M
10M
FREQUENCY – Hz
50
40
30
20
10
0
–10
–20
–30
–40
–50
G = 2
G = 5
Figure 14. Frequency Response of the Filter Circuit
of Figure 13 for Two Different Gains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com