Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8021
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 3 Page - Analog Devices

  AD8021 Datasheet HTML 1Page - Analog Devices AD8021 Datasheet HTML 2Page - Analog Devices AD8021 Datasheet HTML 3Page - Analog Devices AD8021 Datasheet HTML 4Page - Analog Devices AD8021 Datasheet HTML 5Page - Analog Devices AD8021 Datasheet HTML 6Page - Analog Devices AD8021 Datasheet HTML 7Page - Analog Devices AD8021 Datasheet HTML 8Page - Analog Devices AD8021 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. D
AD8021
–3–
AD8021AR/AD8021ARM
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Small Signal Bandwidth
G = +1, CC = 10 pF, VO = 0.05 V p-p
520
560
MHz
G = +2, CC = 7 pF, VO = 0.05 V p-p
175
220
MHz
G = +5, CC = 2 pF, VO = 0.05 V p-p
170
200
MHz
G = +10, CC = 0 pF, VO = 0.05 V p-p
125
165
MHz
Slew Rate, 1 V Step
G = +1, CC = 10 pF
105
130
V/
µs
G = +2, CC = 7 pF
140
170
V/
µs
G = +5, CC = 2 pF
265
340
V/
µs
G = +10, CC = 0 pF
400
460
V/
µs
Settling Time to 0.01%
VO = 1 V Step, RL = 500
Ω
21
ns
Overload Recovery (50%)
±6 V Input Step, G = +2
90
ns
DISTORTION/NOISE PERFORMANCE
f = 1 MHz
HD2
VO = 2 V p-p
–95
dBc
HD3
VO = 2 V p-p
–116
dBc
f = 5 MHz
HD2
VO = 2 V p-p
–71
dBc
HD3
VO = 2 V p-p
–83
dBc
Input Voltage Noise
f = 50 kHz
2.1
2.6
nV/
√Hz
Input Current Noise
f = 50 kHz
2.1
pA/
√Hz
Differential Gain Error
NTSC, RL = 150
Ω
0.03
%
Differential Phase Error
NTSC, RL = 150
Ω
0.04
Degrees
DC PERFORMANCE
Input Offset Voltage
0.4
1.0
mV
Input Offset Voltage Drift
TMIN to TMAX
0.2
µV/°C
Input Bias Current
+Input or –Input
8
11.3
µA
Input Bias Current Drift
10
nA/
°C
Input Offset Current
0.1
0.5
±µA
Open-Loop Gain
84
88
dB
INPUT CHARACTERISTICS
Input Resistance
10
M
Ω
Common-Mode Input Capacitance
1
pF
Input Common-Mode Voltage Range
–11.1 to +11.6
V
Common-Mode Rejection Ratio
VCM =
±10 V
–86
–96
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
–10.2 to +9.8
–10.6 to +10.2
V
Linear Output Current
70
mA
Short-Circuit Current
115
mA
Capacitive Load Drive for 30% Overshoot
VO = 50 mV p-p/1 V p-p
15/120
pF
DISABLE CHARACTERISTICS
Off Isolation
f = 10 MHz
–40
dB
Turn-On Time
VO = 0 V to 2 V, 50% Logic to 50% Output
45
ns
Turn-Off Time
VO = 0 V to 2 V, 50% Logic to 50% Output
50
ns
DISABLE Voltage—Off/On
VDISABLE – VLOGIC REFERENCE
1.80/1.95
V
Enabled Leakage Current
Logic Ref = 0.4 V
70
µA
DISABLE = 4.0 V
2
µA
Disabled Leakage Current
Logic Ref = 0.4 V
30
µA
DISABLE= 0.4 V
33
µA
POWER SUPPLY
Operating Range
±2.25
±5
±12.0 V
Quiescent Current
Output Enabled
7.8
8.6
mA
Output Disabled
1.7
2.0
mA
+Power Supply Rejection Ratio
VCC = +11 V to +13 V, VEE = –12 V
–86
–96
dB
–Power Supply Rejection Ratio
VCC = +12 V, VEE = –13 V to –11 V
–86
–100
dB
Specifications subject to change without notice.
(@ TA = 25 C, RL = 1 k , Gain = +2, unless otherwise noted.)
VS = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com