Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZRL Datasheet(PDF) 34 Page - Analog Devices

Part # AD9925BBCZRL
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZRL Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9925BBCZRL Datasheet HTML 30Page - Analog Devices AD9925BBCZRL Datasheet HTML 31Page - Analog Devices AD9925BBCZRL Datasheet HTML 32Page - Analog Devices AD9925BBCZRL Datasheet HTML 33Page - Analog Devices AD9925BBCZRL Datasheet HTML 34Page - Analog Devices AD9925BBCZRL Datasheet HTML 35Page - Analog Devices AD9925BBCZRL Datasheet HTML 36Page - Analog Devices AD9925BBCZRL Datasheet HTML 37Page - Analog Devices AD9925BBCZRL Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 96 page
background image
AD9925
Rev. A | Page 34 of 96
FIELD = FI
LE 3:
ND FIELD = FI
EXAMPLE 1:
TOTAL FIELDS = 3, FIRST FIELD = FIELD 0, SECOND FIELD = FIELD 1, THIRD FIELD = FIELD 2
MODE REGISTER CONTENTS = 0x60 0088
EXAMPLE 2:
TOTAL FIELDS = 2, FIRST FIELD = FIELD 3, SECOND
MODE REGISTER CONTENTS = 0x40 0023
ELD 4
EXAMP
TOTAL FIELDS = 4, FIRST FIELD = FIELD 5, SECO
MODE REGISTER CONTENTS = 0x80 050D
ELD 1, THIRD FIELD = FIELD 4, FOURTH FIELD = FIELD 2
FIELD 3
FIELD 4
FIELD 0
FIELD 1
FIELD 2
FIELD 5
FIELD 1
FIELD 4
FIELD 2
er to Select Field Timing
number of high speed vertical pulses needed to clear any char
Figure 43. Using the M
VERTICAL TIMING EXAMPLE
ODE Regist
n
ular
determine the line boundaries for each region, and then the
SEQSEL registers assign a particular vertical sequence to each
egion. The vertical sequences contain the specific timing
formation required in each region: XV1 to XV6 pulses (using
PAT groups), HBLK/CLPOB timing, and XSG patterns for the
SG active lines.
This particular timing example requires four regions for each of
the three fields, labeled Region 0, Region 1, Region 2, and
Region 3. Because the AD9925 allows up to six individual fields
to be programmed, the Field 0, Field 1, and Field 2 registers can
be used to meet the requirements of this timing example. The
four regions for each field are very similar in this example, but
the individual registers for each field allow flexibility to accom-
modate other timing charts.
Region 0 is a high speed vertical shift region. Sweep mode may
be used to generate this timing operation, with the desired
ge
o
ER, SUBCK, VSUB, MSHUT, and STROBE),
nd the AFE gain register. These registers will be explained in
other examples.
Important Note about Signal Polarities
When programming the AD9925 to generate the XV1 to XV8,
XSG1 to XSG6, and SUBCK signals, it is important to note that
the vertical driver circuit will invert these signals. Carefully
check the required timing signals needed at the output of the
vertical driver circuit and adjust the polarities of the XV signals
accordingly.
To better understand how the AD9925 vertical timing generatio
is used, consider CCD timing chart in Figure 44. This partic
example illustrates a CCD using a general 3-field readout tech-
nique. As described in the previous field section, each readout
field should be divided into separate regions to perform each
step of the readout. The sequence change positions (SCP)
V
r
in
V
from the CCD’s vertical registers. Region 1 consists of only tw
lines and, like Region 3, uses standard single line vertical shift
timing. Region 2 is the sensor gate line, where the VSG pulses
transfer the image into the vertical CCD registers. This region
may require the use of the second vertical pattern group for the
SG active line.
In summary, four regions are required in each of the three
fields. The timing for Region 1 and Region 3 is essentially the
same, reducing the complexity of the register programming.
However, other registers will need to be used during the actual
readout operation, such as the MODE register, shutter control
registers (TRIGG
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com