Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZRL Datasheet(PDF) 42 Page - Analog Devices

Part # AD9925BBCZRL
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZRL Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9925BBCZRL Datasheet HTML 38Page - Analog Devices AD9925BBCZRL Datasheet HTML 39Page - Analog Devices AD9925BBCZRL Datasheet HTML 40Page - Analog Devices AD9925BBCZRL Datasheet HTML 41Page - Analog Devices AD9925BBCZRL Datasheet HTML 42Page - Analog Devices AD9925BBCZRL Datasheet HTML 43Page - Analog Devices AD9925BBCZRL Datasheet HTML 44Page - Analog Devices AD9925BBCZRL Datasheet HTML 45Page - Analog Devices AD9925BBCZRL Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 96 page
background image
AD9925
Rev. A | Page 42 of 96
Refer to Figure 51 for each step:
1.
Write to the READOUT register (Addr x61) to specify the
number of fields to further suppress SUBCK while the
CCD data is readout. In this example, READOUT = 3.
Write to the EXPOSURE register (Addr x62) to specify the
number of fields to suppress SUBCK and VSG outputs dur-
ing exposure. In this example, EXPOSURE = 1.
Write to the TRIGGER register (Addr x60) to enable the
STROBE, MSHUT, and VSUB signals and to st
posure/readout operation. To trigger these events (as in
Figure 56), set the register TRIGGER = 31. Readout will
automatically occur after the exposure period is finished.
Write to the MODE register (x1B) to configure the next
five fields. The first two fie
same as the current draft mode fields, and the following
three fields are the still frame readout fields. The registers
for the draft mode field and the three readout fields have
already been programmed.
2.
The VD/HD falling edge will update the serial writes from 1.
3.
If VSUB mode = 0 (Addr x67), VSUB output will turn on at
the line specified in the VSUBON register (Addr x68).
4.
STROBE output turns on and off at the location specified
in the STROBEON and STROBEOFF registers (Addr x6E
to x71).
5.
MSHUT output turns off at the location specified in the
MSHUTOFF registers (Addr x6B and x6C).
6.
The next VD falling edge will automatically start the first
readout field.
7.
The next VD falling edge will automatically s art the sec-
ond readout field.
8.
The next VD falling edge will automatically start the third
readout field.
9.
Write to the MODE register to reconfigure the single draft
mode field timing. Write to the MSHUTON register
anical shutter.
10. VD/HD falling edge will update the serial writes from 9.
VSG outputs return to draft mode timing.
SUBCK output resumes operation.
MSHUT output returns to the on position (active or open).
VSUB output returns to the off position (inactive).
art the ex-
lds during exposure are the
(Addr x6A) to open the mech
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com