Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZRL Datasheet(PDF) 64 Page - Analog Devices

Part # AD9925BBCZRL
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZRL Datasheet(HTML) 64 Page - Analog Devices

Back Button AD9925BBCZRL Datasheet HTML 60Page - Analog Devices AD9925BBCZRL Datasheet HTML 61Page - Analog Devices AD9925BBCZRL Datasheet HTML 62Page - Analog Devices AD9925BBCZRL Datasheet HTML 63Page - Analog Devices AD9925BBCZRL Datasheet HTML 64Page - Analog Devices AD9925BBCZRL Datasheet HTML 65Page - Analog Devices AD9925BBCZRL Datasheet HTML 66Page - Analog Devices AD9925BBCZRL Datasheet HTML 67Page - Analog Devices AD9925BBCZRL Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 96 page
background image
AD9925
Rev. A | Page 64 of 96
Table 42. SG Pattern Register Map
Address
Data Bit Content
Default Value
Register Name
Register Description
50
[0]
[1]
[2]
[3]
1
SGPOL_3
larity for SG Pattern No. 1.
1
1
1
SGPOL_0
SGPOL_1
SGPOL_2
Start Polarity for SG Pattern No. 0.
Start Po
Start Polarity for SG Pattern No. 2.
Start Polarity for SG Pattern No. 3.
51
[11:0]
FFF
SGTOG1_0
1.
osition 2.
[23:12]
FFF
SGTOG2_0
Pattern No. 0 Toggle Position
Pattern No. 0 Toggle P
52
F
osition 1.
osition 2.
[11:0]
[23:12]
FFF
FF
SGTOG1_1
SGTOG2_1
Pattern No. 1 Toggle P
Pattern No. 1 Toggle P
53
osition 1.
osition 2.
[11:0]
[23:12]
FFF
FFF
SGTOG1_2
SGTOG2_2
Pattern No. 2 Toggle P
Pattern No. 2 Toggle P
54
F
osition 1.
osition 2.
[11:0]
[23:12]
FFF
FF
SGTOG1_3
SGTOG2_3
Pattern No. 3 Toggle P
Pattern No. 3 Toggle P
55
[5:0]
[6]
0
0
SGMASK_OVR
SGMASKOVR_EN
SGMASK Override. These values will immediately override the SG
masking values located in the field registers.
0: Use SG Masking in Field Registers, 1: Enable SGMASK Override.
Table 43. Shutter Control Regi
r Map
Address
ntent
fault Value
e
ste
De
Data Bit Co
Register Nam
Register Description
60
[4:0]
0
TRIGGER
Trigger for VSUB [0], M
Readout [4]. Note tha
SHUT [1], STROBE [2], Exposure [3], and
t to trigger the readout to automatically
re period, both exposure and readout
gether.
occur after the exposu
should be triggered to
61
[2:0]
2
READOUT
Number of Fields to Suppre
Line.
ss the SUBCK Pulses after the VSG
62
[11:0]
[12]
0
0
EXPOSURE
VDHDOFF
Number of Fields to Suppre
Set = 1 to disable the VD/HD o
ss the SUBCK and VSG Pulses.
utputs during exposure (when >1
field).
63
[11:0]
[23:12]
0
0
SUBCKSUPPRESS
SUBCKNUM
Number of SUBCK Pulses to Suppress after VSG Line.
Number of SUBCK Pulses per Field.
64
[0]
1
SUBCKPOL
SUBCK Pulse Start Polarity.
65
[11:0]
[23:12]
FFF
FFF
SUBCK1TOG1
SUBCK1TOG2
First SUBCK Pulse. Toggle Position 1.
First SUBCK Pulse. Toggle Position 2.
66
[11:0]
[23:12]
FFF
FFF
SUBCK2TOG1
SUBCK2TOG2
Second SUBCK Pulse. Toggle Position 1.
Second SUBCK Pulse. Toggle Position 2.
67
[0]
[1]
0
0
VSUBMODE
VSUBKEEPON
VSUB Readout Mode. 0: Mode 0, 1: Mode 1.
0: Turn Off VSUB after Readout, 1: Keep VSUB On after Readout.
68
[11:0]
[12]
0
1
VSUBON
VSUBPOL
VSUB Online Position.
VSUB Active Polarity.
69
[0]
[1]
1
0
MSHUTPOL
MSHUTON
MSHUT Active Polarity.
MSHUT Manual Enable (Opens Shutter at Next VD Edge).
6A
[11:0]
[23:12]
0
0
MSHUTON_LN
MSHUTON_PX
MSHUT On Position—Line.
MSHUT On Position—Pixel.
6B
[11:0]
0
MSHUTOFF_FD
MSHUT Off Position—Field.
6C
[11:0]
[23:12]
0
0
MSHUTOFF_LN
MSHUTOFF_PX
MSHUT Off Position—Line.
MSHUT Off Position—Pixel.
6D
[0]
1
STROBPOL
STROBE Active Polarity.
6E
[11:0]
0
STROBON_FD
STROBE On Position—Field.
6F
[11:0]
[23:12]
0
0
STROBON_LN
STROBON_PX
STROBE On Position—Line.
STROBE On Position—Pixel.
70
[11:0]
0
STROBOFF_FD
STROBE Off Position—Field.
71
[11:0]
[23:12]
0
0
STROBOFF_LN
STROBOFF_PX
STROBE Off Position—Line.
STROBE Off Position—Pixel.
72
[3:0]
0
SUBCKTOG13
13th Bit for SUBCK Toggle Position Placement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com