Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZRL Datasheet(PDF) 31 Page - Analog Devices

Part # AD9925BBCZRL
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZRL Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9925BBCZRL Datasheet HTML 27Page - Analog Devices AD9925BBCZRL Datasheet HTML 28Page - Analog Devices AD9925BBCZRL Datasheet HTML 29Page - Analog Devices AD9925BBCZRL Datasheet HTML 30Page - Analog Devices AD9925BBCZRL Datasheet HTML 31Page - Analog Devices AD9925BBCZRL Datasheet HTML 32Page - Analog Devices AD9925BBCZRL Datasheet HTML 33Page - Analog Devices AD9925BBCZRL Datasheet HTML 34Page - Analog Devices AD9925BBCZRL Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 96 page
background image
AD9925
Rev. A | Page 31 of 96
Sweep Mode Operation
The AD9925 contains an additional mode of vertical timing
operation called sweep mode. This mode is used to generate a
large number of repetitive pulses that span across multiple HD
lines. One example of where this mode is needed is at the start
of the CCD readout operation. At the end of the image exposure,
but before the image is transferred by the sensor gate pulses, the
vertical interline CCD registers should be free of all charge. This
can be accomplished by quickly shifting out any charge using a
long series of pulses from the XV outputs. Depending on the
vertical resolution of the CCD, up to two or three thousand clock
cycles will be needed to shift the charge out of each vertical CCD
line. This operation will span across multiple HD line lengths.
Normally, the AD9925 vertical timing must be contained within
one HD line length, but when sweep mode is enabled, the HD
boundaries will be ignored until the region is finished. To enable
sweep mode within any region, program
gister to high.
operation. The
e vertical sequence registers using the VPATREP
ng
vent the
eep operation from overlapping the next vertical sequence.
Multiplier Mode
To generate very wide vertical timing pulses, a vertical region
may be configured into a multiplier region. This mode uses the
vertical pattern registers in a slightly different manner. Multiplier
mode can be used to support unusual CCD timing requirements,
such as vertical pulses that are wider than a single HD line length.
The start polarity and toggle positions are still used in the same
manner as the standard VPAT group programming, but the
VPATLEN is used differently. Instead of using the pixel counter
(HD counter) to specify the toggle position locations (VTOG1,
2, 3) of the VPAT group, the VPATLEN is multiplied with the
VTOG position to allow very long pulses to be generated. To
calculate the exact toggle position, counted in pixels after the
start position, use the following equation:
the appropriate SWEEP
re
Figure 40 shows an example of the sweep mode
number of vertical pulses needed depends on the vertical reso-
lution of the CCD. The XV output signals are generated using
the vertical pattern registers (shown in Table 15). A single pulse
is created using the polarity and toggle position registers. The
number of repetitions is then programmed to match the num-
ber of vertical shifts required by the CCD. Repetitions are pro-
grammed in th
registers. This produces a pulse train of the appropriate length.
Normally, the pulse train is truncated at the end of the HD line
length, but with sweep mode enabled for this region, the HD
boundaries are ignored. In Figure 40, the sweep region occupies
23 HD lines. After the sweep mode region is completed in the
next region, normal sequence operation will resume. When usi
sweep mode, be sure to set the region boundaries to the appro-
priate lines (using the sequence change positions) to pre
sw
VPATLEN
VTOG
Position
Toggle
Mode
Multiplier
×
=
Because the VTOG register is multiplied by VPATLEN, the
resolution of the toggle position placement is reduced. If
ed
6
e
peration. The
first toggle position is two, and the second toggle position is nine.
. How-
d
Table 16. Multiplier MODE Register Parameters
Register
Length
Range
Description
VPATLEN = 4, then the toggle position accuracy will be reduc
to a 4-pixel step size, instead of a single pixel step size. Table 1
summarizes how the VPAT group registers are used in multi-
plier mode operation. In multiplier mode, the VPATREPO and
VPATREPE registers should always be programmed to the sam
value as the highest toggle position.
The example shown in Figure 41 illustrates this o
In nonmultiplier mode, this would cause the vertical sequence
to toggle at pixel 2 and then pixel 9 within a single HD line
ever, now toggle positions are multiplied by the VTPLEN = 4, so
the first toggle occurs at pixel count = 8, and the second toggle
occurs at pixel count = 36. Sweep mode has also been enable
to allow the toggle positions to cross the HD line boundaries.
MULTI
1 b
High/Low
High Enables Multiplier Mode.
XVPOL
1 b
High/Low
Starting Polarity of XV Signal in Each VPAT Group.
XVTOG1
12 b
0 to 4095 Pixel Location
First Toggle Position for XV Signal in Each VPAT Group.
XVTOG2
12 b
0 to 4095 Pixel Location
Second Toggle Position for XV Signal in Each VPAT Group.
XVTOG3
12 b
0 to 4095 Pixel Location
Third Toggle Position for XV Signal in Each VPAT Group.
VPATLEN
10 b
0 to 1023 Pixels
Used as Multiplier Factor for Toggle Position Counter.
VPATREP
12 b
0 to 4095
VPATREPE/VPATREPO Should Be Set to the Same Value as TOG2 or TOG3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com