Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZRL Datasheet(PDF) 43 Page - Analog Devices

Part # AD9925BBCZRL
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZRL Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9925BBCZRL Datasheet HTML 39Page - Analog Devices AD9925BBCZRL Datasheet HTML 40Page - Analog Devices AD9925BBCZRL Datasheet HTML 41Page - Analog Devices AD9925BBCZRL Datasheet HTML 42Page - Analog Devices AD9925BBCZRL Datasheet HTML 43Page - Analog Devices AD9925BBCZRL Datasheet HTML 44Page - Analog Devices AD9925BBCZRL Datasheet HTML 45Page - Analog Devices AD9925BBCZRL Datasheet HTML 46Page - Analog Devices AD9925BBCZRL Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 96 page
background image
AD9925
Rev. A | Page 43 of 96
FG_TRIG OPERATION
The AD9925 contains an additional signal that may be used in
conjunction with shutter operation or general system operation.
The FG_TRIG signal is an internally generated pulse that can be
output on the VSUB or SYNC pins for system use or combined
with the VSUB registers to create a four-toggle VSUB signal.
The FG_TRIG signal is generated using the start polarity and
first and second toggle position registers, programmable with
line and pixel resolution. The field placement of the FG_TRIG
pulse is matched to the field count specified by the MODE reg-
ister operation. The FG_TRIGEN register contains a 3-bit value
to specify which field count will contain the FG_TRIG pulse.
Figure 53 shows how the FG_TRIG pulse is generated using
these registers.
After the FG_TRIG signal is specified, it is enabled using Bit 3
of the FG_TRIGEN register. By default, the FG_TRIG will be
mapped to the SYNC output, as long as the SYNC pin is config-
ured as an output (SYNCENABLE = 1). Alternatively, the
FG_TRIG pulse may be mapped to the VSUB output by
writing a 1 to the SHUT_EXTRA Register Bit 3.
One final application for the FG_TRIG signal is to combine it
with the existing VSUB signal to generate additional toggle
positions. By setting the SHUT_EXTRA Bit 8 to a 1, the VSUB
toggles and FG_TRIG toggles are XOR’d together and sent to the
VSUB output. Figure 52 and Figure 54 show this application in
more detail.
0
1
0
1
FG_TRIG
INTERNAL
VSUB
INTERNAL
VSUB
OUTPUT
SHUT_EXTRA[8]
SHUT_EXTRA[3]
XOR
2:1
2:1
Figure 52. Combining the Internal FG_TRIG and Internal VSUB Signals
Table 21. FG_TRIG Operation Registers
scription
Register
Address
Bit Width
De
SYNCENABLE
0x12
[0]
1: Configures SYNC Pin as an Output. By default, the FG_TRIG signal outputs on the SYNC pin.
VSUBON
0x68
[12:0]
Controls VSUB O
with VSUB signa
n Position and
l.
Polarity. When SHUT_Extra [8] = 1, FG_TRIG toggles are combined
SHUT_EXTRA
0xE7
[8:0]
Selects Whether FG_TRIG Sign
[2:0] Set to 0.
[3] Set = 1 to send FG_TRIG signal to VSUB pin.
bine FG_TRI
al Is Used with VSUB.
[7:4] Set to 0.
[8] Set = 1 to com
G and VSUB signals.
FG_TRIGEN
0xEB
[3:0]
FG_TRIG Enable.
[2:0] Selects field
[3] Set = 1 to enab
count for pulse
d counter).
le FG_TRIG sign
(based on mode fiel
al output.
FG_TRIGPOL
0xF2
[0]
FG_TRIG Start Polarity.
FG_TRIGLINE1
0xF3
[11:0]
FG_TRIG First Toggle Position, Line Location.
FG_TRIGPIX1
0xF4
[12:0]
FG_TRIG First Toggle Position, Pixel Location.
FG_TRIGLINE2
0xF5
[11:0]
FG_TRIG Second Toggle Position, Line Location.
FG_TRIGPIX2
0xF6
[12:0]
FG_TRIG Second Toggle Position, Pixel Location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com