Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZRL Datasheet(PDF) 24 Page - Analog Devices

Part # AD9925BBCZRL
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZRL Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9925BBCZRL Datasheet HTML 20Page - Analog Devices AD9925BBCZRL Datasheet HTML 21Page - Analog Devices AD9925BBCZRL Datasheet HTML 22Page - Analog Devices AD9925BBCZRL Datasheet HTML 23Page - Analog Devices AD9925BBCZRL Datasheet HTML 24Page - Analog Devices AD9925BBCZRL Datasheet HTML 25Page - Analog Devices AD9925BBCZRL Datasheet HTML 26Page - Analog Devices AD9925BBCZRL Datasheet HTML 27Page - Analog Devices AD9925BBCZRL Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 96 page
background image
AD9925
Rev. A | Page 24 of 96
ixel locations within the line where the pulse transitions. A
ourth toggle position (XVTOG4) is also available for vertical
pattern groups 8 and 9. All toggle positions are 12-bit values,
allowing their placement anywhere in the horizontal line. A
the
ces
he
llows the AD9925 to remain back-
ward-compatible with the AD9995 register settings while still
providing additional flexibility with XV7 and XV8 for new CCDs.
Table 13. Vertical Pattern Group Registers
Register
Length
Range
Description
Vertical Pattern Groups (VPAT)
The vertical pattern groups define the individual pulse patterns
for each XV1 to XV6 output signal. Table 13 summarizes the
registers available for generating each of the 10 vertical pattern
groups. The start polarity (VPOL) determines the starting
polarity of the vertical sequence and can be programmed high
or low for each XV1 to XV6 output. The first, second, and third
toggle positions (XVTOG1, XVTOG2, and XVTOG3) are the
separate register, VPATSTART, specifies the start position of
vertical pattern groups within the line (see the Vertical Sequen
(VSEQ) section). The VPATLEN register designates the total
length of the vertical pattern group, which determines the number
of pixels between each of the pattern repetitions when repetitions
are used (see the Vertical Sequences (VSEQ) section).
Additional VPAT groups are provided in Register Bank 3 for t
XV7 and XV8 outputs. This a
p
f
XVPOL
1 b
High/Low
Starting Polarity of Each XV Output
XVTOG1
12 b
0 to 4096 Pixel Location
First To
for Each XV Output
ggle Position within Line
XVTOG2
12 b
0 to 4096 Pixel Location
Second To
Line for Each XV Output
ggle Position within
XVTOG3
12 b
0 to 4096 Pixel Location
Third Toggle Position within Line for Each XV Output
XVTOG4
12 b
0 to 4096 Pixel Location
Fourth Toggle Po
rtical Pattern Groups 8 and 9 and Also in
XV7 and XV8 Vertical Pattern Groups
VPATLEN
12 b
0 to 4096 Pixels
sition, Only Available in Ve
Total Length of Each Vertical Pattern Group
FREEZE1
12 b
0 to 4096 Pixel Location
Holds the XV Outputs at Their Current Levels (Static DC)
RESUME1
12 b
0 to 4096 Pixel Location
Resumes Operation of the XV Outputs to Finish Their Pattern
FREEZE2
12 b
0 to 4096 Pixel Location
Holds the XV Outputs at Their Current Levels (Static DC)
RESUME2
12 b
0 to 4096 Pixel Location
Resumes Operation of the XV Outputs to Finish Their Pattern
HD
XV1
PROGRAMMABLE SETTINGS FOR EACH VERTICAL PATTERN:
1. START POLARITY.
2. FIRST TOGGLE POSITION.
3. SECOND TOGGLE POSITION (THIRD TOGGLE POSITION ALSO AVAILABLE,
FOURTH TOGGLE POSITION AVAILABLE FOR VERTICAL PATTERN GROUPS 8 AND 9).
4. TOTAL PATTERN LENGTH FOR ALL XV OUTPUTS.
START POSITION OF VERTICAL PATTERN GROUP IS PROGRAMMABLE IN VERTICAL SEQUENCE REGISTERS
4
1
23
XV2
1
2
3
XV6
1
23
Figure 31. Vertical Pattern Group Programmability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com