Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZRL Datasheet(PDF) 94 Page - Analog Devices

Part # AD9925BBCZRL
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZRL Datasheet(HTML) 94 Page - Analog Devices

Back Button AD9925BBCZRL Datasheet HTML 88Page - Analog Devices AD9925BBCZRL Datasheet HTML 89Page - Analog Devices AD9925BBCZRL Datasheet HTML 90Page - Analog Devices AD9925BBCZRL Datasheet HTML 91Page - Analog Devices AD9925BBCZRL Datasheet HTML 92Page - Analog Devices AD9925BBCZRL Datasheet HTML 93Page - Analog Devices AD9925BBCZRL Datasheet HTML 94Page - Analog Devices AD9925BBCZRL Datasheet HTML 95Page - Analog Devices AD9925BBCZRL Datasheet HTML 96Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 94 / 96 page
background image
AD9925
Rev. A | Page 94 of 96
OUTLINE DIMENSIONS
SEATING
PLANE
DETAILA
0.45
0.40
0.35
BALL DIAMETER
0.10 MAX
COPLANARITY
0.65 BSC
6.50
BSC SQ
A
B
C
D
E
F
G
J
H
K
10
11
8 7 6
3 2 1
9
5 4
1.00
0.85
A1 CORNER
INDEX AREA
1.40 MAX
TOP VIEW
8.00
BSC SQ
BALL A1
INDICATOR
DETAIL A
BOTTOM
VIEW
0.75 REF
0.40
0.25
L
Figure 78. 96-Lead Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-96)
Dimensions shown in millimeters
ORDERING GUIDE
Models
Temperature Range
Package Description
Option
AD9925BBCZ
TP
1
PT
–25°C to +85°C
CSP_BGA
BC-96
AD9925BBCZRL1
–25°C to +85°C
CSP_BGA Tape and Reel
BC-96
TP
1
PT
Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com