Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZRL Datasheet(PDF) 40 Page - Analog Devices

Part # AD9925BBCZRL
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZRL Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9925BBCZRL Datasheet HTML 36Page - Analog Devices AD9925BBCZRL Datasheet HTML 37Page - Analog Devices AD9925BBCZRL Datasheet HTML 38Page - Analog Devices AD9925BBCZRL Datasheet HTML 39Page - Analog Devices AD9925BBCZRL Datasheet HTML 40Page - Analog Devices AD9925BBCZRL Datasheet HTML 41Page - Analog Devices AD9925BBCZRL Datasheet HTML 42Page - Analog Devices AD9925BBCZRL Datasheet HTML 43Page - Analog Devices AD9925BBCZRL Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 96 page
background image
AD9925
Rev. A | Page 40 of 96
.
XSG
VD
SUBCK
STROBE PROGRAMMABLE SETTINGS:
1. ACTIVE POLARITY.
2. ON-POSITION IS PROGRAMMABLE IN ANY FIELD DURING THE EXPOSURE TIME (WITH RESPECT TO THE FIELD CONTAINING THE LAST SUBCK).
3. OFF-POSITION IS PROGRAMMABLE IN ANY FIELD DURING THE EXPOSURE TIME
STROBE 1
2
TRIGGER
EXPOSURE
AND STROBE
3
tEXP
mmability
Figure 50. STROBE Output Progra
Table 20. VSUB, MSHUT, and STROBE Register Parameters
Register
Length
Range
Description
VSUBMODE[0]
1 b
High/Low
VSUB Mode (0 = Mode 0, 1 = Mode 1) (See Figure 44).
VSUBMODE[1]
1 b
High/Low
VSUB Keep-On Mode. VSUB will stay active after readout when set high.
VSUBON[11:0]
12 b
0 to 4095 Line Location
VSUB On Position. Active starting in any line of field.
VSUBON[12]
1 b
High/Low
VSUB Active Polarity.
MSHUTPOL[0]
1 b
High/Low
MSHUT Active Polarity.
MSH
MSHUT Manual Enable (1 = Active or Open).
UTPOL[1]
1 b
On/Off
MSHUTON
24 b
0 to 4095 Line/Pixel Location
MSHUT On Position Line [11:0] and Pixel [23:12] Location.
MSHUTOFF_FD
12 b
0 to 4095 Field Location
Field Location to Switch Off MSHUT (Inactive or Closed).
MSHUTOFF_LNPX
24 b
0 to 4095 Line/Pixel Location
Line/Pixel Position to Switch Off MSHUT (Inactive or Closed).
STROBPOL
1 b
High/Low
STROBE Active Polarity.
STROBON_FD
12 b
0 to 4095 Field Location
STROBE ON Field Location, with Respect to Last SUBCK Field.
STROBON_LNPX
24 b
0 to 4095 Line/Pixel Location
STROBE ON Line/Pixel Position.
STROBOFF_FD
12 b
0 to 4095 Field Location
STROBE OFF Field Location, with Respect to Last SUBCK Field.
STROBOFF_LNPX
24 b
0 to 4095 Line/Pixel Location
STROBE OFF Line/Pixel Position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com