Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZRL Datasheet(PDF) 75 Page - Analog Devices

Part # AD9925BBCZRL
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZRL Datasheet(HTML) 75 Page - Analog Devices

Back Button AD9925BBCZRL Datasheet HTML 71Page - Analog Devices AD9925BBCZRL Datasheet HTML 72Page - Analog Devices AD9925BBCZRL Datasheet HTML 73Page - Analog Devices AD9925BBCZRL Datasheet HTML 74Page - Analog Devices AD9925BBCZRL Datasheet HTML 75Page - Analog Devices AD9925BBCZRL Datasheet HTML 76Page - Analog Devices AD9925BBCZRL Datasheet HTML 77Page - Analog Devices AD9925BBCZRL Datasheet HTML 78Page - Analog Devices AD9925BBCZRL Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 96 page
background image
AD9925
Rev. A | Page 75 of 96
Map
D
R
Re
Table 56. Vertical Pattern Group 9 (VPAT9) Register
Address
Data Bit Content
efault Value
egister Name
gister Description
70
[5:0]
[11:6
[23:1
]
2]
X
X
X
V
U
V
VP
3], XV5[4], XV6[5].
U
Total Length of VPAT9. Note: If using VPAT9 as a second vertical
se
n for
th
POL_9
NUSED
PATLEN_9
AT9 Start Polarity. XV1[0], XV2[1], XV3[2], XV4[
nused.
quence in the VSG active line, this value is the start positio
e second vertical sequence.
71
1:0]
X
X
XV1TOG1_9
X
XV1 Toggle Position 1.
XV
[1
[23:12]
V1TOG2_9
1 Toggle Position 2.
72
X
X
X
XV1TOG4_9
XV
XV1 Toggle Position 4.
[11:0]
[23:12]
V1TOG3_9
1 Toggle Position 3.
73
[11:0]
[23:12]
X
X
X
X
XV
XV
V2TOG1_9
V2TOG2_9
2 Toggle Position 1.
2 Toggle Position 2.
74
[11:0]
X
X
XV3TOG3_9
X
XV2 Toggle Position 3.
XV
[23:12]
V3TOG4_9
2 Toggle Position 4.
75
X
X
X
X
XV
XV
[11:0]
[23:12]
V3TOG1_9
V4TOG2_9
3 Toggle Position 1.
3 Toggle Position 2.
76
X
X
X
X
XV
XV
[11:0]
[23:12]
V4TOG3_9
V4TOG4_9
3 Toggle Position 3.
3 Toggle Position 4.
77
[11:0]
[23:12]
X
X
X
X
XV
XV
V5TOG1_9
V5TOG2_9
4 Toggle Position 1.
4 Toggle Position 2.
78
[11:0]
[23:12]
X
X
X
X
XV
XV
V5TOG3_9
V6TOG4_9
4 Toggle Position 3.
4 Toggle Position 4.
79
[11:0]
[23:12]
X
X
X
X
XV
XV
V6TOG1_9
V6TOG2_9
5 Toggle Position 1.
5 Toggle Position 2.
7A
[11:0]
[23:12]
X
X
X
XV6TOG4_9
XV
XV5 Toggle Position 4.
V6TOG3_9
5 Toggle Position 3.
7B
[11:0]
X
XV6TOG1_9
OG2_9
XV6 Toggle Position 1.
XV6 Toggle Position 2.
[23:12]
X
XV6T
7C
[11:0]
[23:12]
X
X
X
X
XV
XV
V6TOG3_9
V6TOG4_9
6 Toggle Position 3.
6 Toggle Position 4.
7D
]
2]
X
X
F
R
XV
n 1.
XV
sition 1.
[11:0
[23:1
REEZE1_9
ESUME1_9
1 to XV6 Freeze Positio
1 to XV6 Resume Po
7E
]
X
X
F
R
XV
XV
[11:0]
[23:12
REEZE2_9
ESUME2_9
1 to XV6 Freeze Position 2.
1 to XV6 Resume Position 2.
Table 57. R
p Selection
Updated R
Address
ntent
Default Value
Register Name
Register Description
egister Ma
Data Bit Co
(SCK
egister)
7F
[1:0]
0
BANKSELECT
Register Bank Access for Bank 1, Bank 2, and Bank 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com