Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1610ARMZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1610ARMZ-R7
Description  1.2 MHz DC-DC Step-Up Switching Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1610ARMZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP1610ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADP1610
Rev. 0 | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
COMP
1
FB
2
SD
3
GND
4
SS
8
RT
7
IN
6
SW
5
ADP1610
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
COMP
Compensation Input. Connect a series resistor-capacitor network from COMP to GND to compensate the
regulator.
2
FB
Output Voltage Feedback Input. Connect a resistive voltage divider from the output voltage to FB to set the
regulator output voltage.
3
SD
Shutdown Input. Drive SD low to shut down the regulator; drive SD high to turn it on.
4
GND
Ground.
5
SW
Switching Output. Connect the power inductor from the input voltage to SW and connect the external rectifier
from SW to the output voltage to complete the step-up converter.
6
IN
Main Power Supply Input. IN powers the ADP1610 internal circuitry. Connect IN to the input source voltage.
Bypass IN to GND with a 10 µF or greater capacitor as close to the ADP1610 as possible.
7
RT
Frequency Setting Input. RT controls the switching frequency. Connect RT to GND to program the oscillator to
700 kHz, or connect RT to IN to program it to 1.2 MHz.
8
SS
Soft Start Timing Capacitor Input. A capacitor from SS to GND brings up the output slowly at power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com