Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1610ARMZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1610ARMZ-R7
Description  1.2 MHz DC-DC Step-Up Switching Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1610ARMZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1610ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADP1610
Rev. 0 | Page 13 of 16
Table 7. Recommended External Components for Popular Input/Output Voltage Conditions
VIN (V)
VOUT (V)
fSW (MHz)
L (µH)
COUT (µF)
CIN (µF)
R1 (kΩ)
R2 (kΩ)
RComp (kΩ)
Ccomp (pF)
IOUT_MAX (mA)
3.3
5
0.700
4.7
10
10
30.9
10
50
520
600
5
1.23
2.7
10
10
30.9
10
90.9
150
600
9
0.700
10
10
10
63.4
10
71.5
820
350
9
1.23
4.7
10
10
63.4
10
150
180
350
12
0.700
10
10
10
88.7
10
130
420
250
12
1.23
4.7
10
10
88.7
10
280
100
250
5
9
0.700
10
10
10
63.4
10
84.5
390
450
9
1.23
4.7
10
10
63.4
10
178
100
450
12
0.700
10
10
10
88.7
10
140
220
350
12
1.23
4.7
10
10
88.7
10
300
100
350
REF
COMP
FB
C2
CC
RC
ERROR AMP
1
2
gm
Figure 26. Compensation Components
The capacitor, C2, is chosen to cancel the zero introduced by
output capacitance ESR.
Solving for C2,
COMP
OUT
R
C
ESR
C2
×
=
(19)
For low ESR output capacitance such as with a ceramic capaci-
tor, C2 is optional. For optimal transient performance, the RCOMP
and CCOMP might need to be adjusted by observing the load
transient response of the ADP1610. For most applications, the
compensation resistor should be in the range of 30 kΩ to
400 kΩ, and the compensation capacitor should be in the range
of 100 pF to 1.2 nF. Table 7 shows external component values
for several applications.
SOFT START CAPACITOR
The voltage at SS ramps up slowly by charging the soft start
capacitor (CSS) with an internal 3 µA current source. Table 8
listed the values for the soft start period, based on maximum
output current and maximum switching frequency.
The soft start capacitor limits the rate of voltage rise on the
COMP pin, which in turn limits the peak switch current at
startup. Table 8 shows a typical soft start period, tSS, at
maximum output current, IOUT_MAX, for several conditions.
A 20 nF soft start capacitor results in negligible input current
overshoot at startup, and so is suitable for most applications.
However, if an unusually large output capacitor is used, a longer
soft start period is required to prevent input inrush current.
Table 8. Typical Soft Start Period
VIN (V)
VOUT (V)
COUT (µF)
CSS (nF)
tSS (ms)
3.3
5
10
20
0.3
5
10
100
2
9
10
20
2.5
9
10
100
8.2
12
10
20
3.5
12
10
100
15
5
9
10
20
0.4
9
10
100
1.5
12
10
20
0.62
12
10
100
2
Conversely, if fast startup is a requirement, the soft start
capacitor can be reduced or even removed, allowing the
ADP1610 to start quickly, but allowing greater peak switch
current (see Figure 22 to Figure 25).
APPLICATION CIRCUITS
The circuit in Figure 27 shows the ADP1610 in a step-up
configuration. The ADP1610 is used here to generate a 10 V
regulator with the following specifications: VIN = 2.5 V to 5.5 V,
VOUT = 10 V, and IOUT ≤ 400 mA.
IN
SD
SS
RT
SW
ON
FB
COMP
CSS
22nF
GND
L
4.7
µH
D1
ADP1610
5
6
3
2
7
8
1
4
CIN
10
µF
CCOMP
150pF
RCOMP
220k
Ω
COUT
10
µF
R1
71.3k
Ω
R2
10k
Ω
3.3V
10V
Figure 27. 3.3 V to 10 V Step-Up Regulator
The output can be set to the desired voltage using Equation 2.
Use Equation 16 and 17 to change the compensation network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com