Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1610ARMZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1610ARMZ-R7
Description  1.2 MHz DC-DC Step-Up Switching Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1610ARMZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1610ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADP1610
Rev. 0 | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CURRENT (mA)
100
90
80
60
50
40
70
30
0
20
10
1
10
100
1000
VIN = 5.5V
VIN = 3.3V
VIN = 2.5V
VOUT = 10V
FSW = 700kHz
L = 10
µH
Figure 4. Output Efficiency vs. Load Current
LOAD CURRENT (mA)
100
90
80
60
50
40
70
30
0
20
10
1
10
100
1000
VIN = 5.5V
VIN = 3.3V
VIN = 2.5V
VOUT = 10V
F = 1.2MHz
L = 4.7
µH
Figure 5. Output Efficiency vs. Load Current
LOAD CURRENT (mA)
100
90
80
60
50
40
70
30
1
10
100
1000
VIN = 5.5V
VIN = 3.3V
VIN = 2.5V
VOUT = 7.5V
FSW = 700kHz
L = 10
µH
Figure 6. Output Efficiency vs. Load Current
LOAD CURRENT (mA)
100
90
70
60
80
50
30
40
1
10
100
1000
VIN = 5.5V
VIN = 3.3V
VIN = 2.5V
VOUT = 7.5V
FSW = 1.2MHz
L = 4.7
µH
Figure 7. Output Efficiency vs. Load Current
AMBIENT TEMPERATURE (
°C)
2.4
2.2
1.8
2.0
1.4
1.6
1.2
–40
–15
10
35
60
85
VIN = 2.5V
VIN = 3.3V
VIN = 5.5V
Figure 8. Current Limit vs. Ambient Temperature, VOUT = 10 V
AMBIENT TEMPERATURE (
°C)
1.4
1.2
0.8
1.0
0.2
0.4
0.6
0
–40
–15
10
35
60
85
RT = GND
VOUT = 10V
VIN = 3.3V
RT = VIN
Figure 9. Oscillatory Frequency vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com